Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600-ASOT Datasheet(PDF) 33 Page - OSRAM GmbH

Part # AS5600-ASOT
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600-ASOT Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button AS5600-ASOT Datasheet HTML 29Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 30Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 31Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 32Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 33Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 34Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 35Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 36Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-06] 2018-Jun-20
AS5600 − Application Information
Schematic
All required external components are shown below for the
reference application diagram. To improve EMC and for remote
applications, consider additional protection circuitry.
Figure 37:
Application Diagram for Angle Readout and Programming Through OUT Pin (Option B)
Note(s):
1. Consider that the output is driven high by an internal pull-up resistor during programming through the OUT pin. Disconnect
additional external load during the programming procedure.
Figure 38:
Application Diagram for Angle Readout and Programming with I²C (Option A and Option C)
Application Information
GND -> CW
VDD -> CCW
PGO = GND
->
OptionB
4.5-5.5V
GND
AS5600
1 VDD5V
2 VDD3V3
3 OUT
4 GND
DIR 8
SCL 7
SDA 6
PGO 5
OUT
C1
C2
5V Operation
3-3.6V*
3.3V Operation
GND -> CW
VDD -> CCW
GND
AS5600
1 VDD5V
2 VDD3V3
3 OUT
4 GND
DIR 8
SCL 7
SDA 6
PGO 5
OUT
C1
C**
* Supply voltage for permanent programming is 3.3–3.6V
** 10μF Capacitor required during permanent programming
PGO = GND
->
OptionB
GND -> CW
VDD -> CCW
To MCU
4.5-5.5V
GND
AS5600
1 VDD5V
2 VDD3V3
3 OUT
4 GND
DIR 8
SCL 7
SDA 6
PGO 5
OUT
RPU
RPU
C1
C2
5V Operation
3-3.6V*
3.3V Operation
GND -> CW
VDD -> CCW
To MCU
GND
AS5600
1 VDD5V
2 VDD3V3
3 OUT
4 GND
DIR 8
SCL 7
SDA 6
PGO 5
OUT
RPU
RPU
C1
C**
* Supply voltage for permanent programming is 3.3–3.6V
** 10μF Capacitor required during permanent programming
-> OptionC
for Programming
with OUT Pin
PGO = GND
-> OptionC
for Programming
with OUT Pin
PGO = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com