Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600-ASOT Datasheet(PDF) 3 Page - OSRAM GmbH

Part # AS5600-ASOT
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600-ASOT Datasheet(HTML) 3 Page - OSRAM GmbH

  AS5600-ASOT Datasheet HTML 1Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 2Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 3Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 4Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 5Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 6Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 7Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 8Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-06] 2018-Jun-20
AS5600 − General Description
Applications
The AS5600 is ideally suited for contactless potentiometers,
contactless knobs, pedals, RC servos and other angular position
measurement solutions.
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
Functional Blocks of AS5600
• Low-power consumption
• Automatic entry into low-power mode
• Easy setup
• Automatic magnet detection
• Small form factor
• SOIC-8 package
• Robust environmental tolerance
• Wide temperature range: -40°C to 125°C
Benefits
Features
AFE
AGC
12-bit A/D
Driver
Register Setting
OTP
I²C
AS5600
OUT
VDD3V3
VDD5V
GND
SCL
SDA
PWM
PGO
DIR
Analog
Front-End
Hall Sensors
12-bit D/A
ATAN
(CORDIC)
Digital
Processing
and Filtering
LDO 3.3V
Magnetic Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com