Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 4 Page - Analog Devices

Part # LT8331
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 4 Page - Analog Devices

  LT8331 Datasheet HTML 1Page - Analog Devices LT8331 Datasheet HTML 2Page - Analog Devices LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC9111
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Output EN
VOH
High Output Voltage
ISINK = 0, –0.1µA
l
3.2
3.6
V
VOL
Low Output Voltage
ISOURCE = 0.1mA
l
0
0.25
V
Digital Input CLASSV
VIH
High Level Input Voltage
l
2
V
VIL
Low Level Input Voltage
l
0.7
V
Ternary Input CLASSC
VIH
Input High Threshold Voltage
l
VSTBY – 0.5
V
VIL
Input Low Threshold Voltage
l
0.5
V
IIH, IL
High, Low Input Current
l
±100
µA
SCCP
tRSTL
Minimum Valid PSE Reset Pulse
2.4V < VSTBY < 3.6V (Note 4)
l
5
8
ms
tPDH
Presence Detect High
2.4V < VSTBY < 3.6V (Note 4)
l
0.78
0.98
1.18
ms
tPDL
Presence Detect Low
2.4V < VSTBY < 3.6V (Note 4)
l
3.14
3.92
4.7
ms
tR0L
Read 0 Low
2.4V < VSTBY < 3.6V (Note 4)
l
1.96
2.45
2.94
ms
tSCCP_WATCHDOG SCCP Watchdog Timer
2.4V < VSTBY < 3.6V (Note 4)
l
1320
1650
1970
ms
VTH
SCCP Logic High
2.4V < VSTBY < 3.6V, (VSNS1/2 to VGND)
l
2.05
2.9
V
VTL
SCCP Logic Low
2.4V < VSTBY < 3.6V, (VSNS1/2 to VGND)
l
1.2
1.95
V
ISCCP_UP
SCCP FET Driver Pull-Up Current
VSTBY = 3.5V, VSCCP = 2V
l
–150
–225
µA
ISCCP_DN
SCCP FET Driver Pull-Down Current
VSTBY = 3.5V, VSCCP = 1V
l
150
285
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of
device pins are negative. All voltages are referenced to GND unless
otherwise specified.
Note 3: An internal clamp limits VGATE to a minimum of 10V above VOUT.
Driving this pin voltages beyond this clamp may damage the device.
Note 4: These specifications are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com