Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8331
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC9111
9
Rev. 0
For more information www.analog.com
Subsequently, the PSE removes full operating voltage if
power becomes unavailable or if MFVS is not detected
by the PSE. As the port voltage drops below VOFF, the
LTC9111 enters the DISCONNECT state and the applica-
tion is disabled by de-asserting the EN pin. Once the PSE
has discharged the port voltage to the range of VSLEEP,
the LTC9111 enters the WAKEUP state. Thereafter, the
same sequence may be repeated to return the port to its
full operating voltage. Figure 3 provides a simplified state
diagram. In the following sections, each state is described
in more detail.
RESET
WAKEUP
MDI_POWER1
MDI_POWERDELAY
MDI_POWER2
DISCONNECT
CLASSIFICATION
SCCP RESET PULSE
VPD < VSIG_EN
TSCCP_WATCHDOG
VPD < VSIG_DIS
VPD > VSIG_DIS
VPD > VON
VPD < VOFF
TSPWR_DLY EXPIRED AND VPD > VON
9111 F03
Figure 3. Simplified PD State Machine
RESET
Upon initial application of voltage, the LTC9111 begins in
the RESET state. The LTC9111 ramps its internal supply
and turns on one of the external low-side polarity cor-
rection MOSFETs, according to the input polarity sensed
at the SNS1 and SNS2 pins. Once the low-side polari-
ty-correcting MOSFET has been enhanced, the LTC9111
proceeds to the WAKEUP state.
WAKEUP
In the WAKEUP state, the LTC9111 presents the wakeup
signature in the form of a pull-down current, IWAKEUP_PD
(typically 1.55mA). The wakeup signature alerts the PSE
to the presence of a PD. The PSE responds by sourcing
a detection probe current. Since the LTC9111 supports
classification, it does not present a constant-voltage phys-
ical detection signature. A compliant PSE limits the port
voltage to around 5V in the absence of a PD detection sig-
nature. After a mandated delay (maximum 3.11ms), the
PSE proceeds to classification. The PSE initiates classifi-
cation by sending a reset pulse. The LTC9111 detects the
reset pulse and advances to the CLASSIFICATION state.
CLASSIFICATION
During classification, the LTC9111 responds to PSE com-
mands as defined by SCCP. The protocol is explained in
detail below (see Power Class and SCCP section). The
PSE, in its assigned time slot, pulls down on the cable
to transmit a logic low or pulls up on the cable (typically
5V to 5.5V) to transmit a logic high. The LTC9111, in its
assigned time slot, pulls down on the cable to transmit
a logic low or releases the cable to transmit a logic high.
The LTC9111 monitors the voltage at the SNS1 and SNS2
pins for serial data input and drives external MOSFETs
using the SCCP pin to pull-down the cable voltage when
transmitting a logic low.
Power cannot be delivered over the cable during pull-
down time slots. During these periods, the LTC9111
maintains its state and continues operating by drawing
current from the capacitor on the STBY pin. The voltage
at the IN pin may collapse transiently during transmission
of a logic low, depending on the leakage of the rectifying
diodes and other factors. As such, the internal path from
IN to STBY is designed to block reverse current during
these periods and thus prevent the voltage on the STBY
pin reservoir capacitor from collapsing.
After a successful classification, the PSE starts a controlled
ramp of the port voltage. The LTC9111 transitions to the
MDI_POWER1 state when the voltage exceeds VSIG_DIS.
The LTC9111 maintains a watchdog timer, TSCCP_
WATCHDOG in the CLASSIFICATION state. If a fault occurs
during classification or the PSE does not apply power
upon completion of SCCP, the LTC9111 will return to the
WAKEUP state after TSCCP_WATCHDOG.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com