Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8331
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 5 Page - Analog Devices

  LT8331 Datasheet HTML 1Page - Analog Devices LT8331 Datasheet HTML 2Page - Analog Devices LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC9111
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
IIN vs VIN
VON (Class 10 through 12) vs
Temperature
VOFF (Class 10 through 12) vs
Temperature
VON (Class 13 through 15) vs
Temperature
VOFF (Class 13 through 15) vs
Temperature
VSIG_EN and VSIG_DIS vs
Temperature
IWAKEUP vs VIN
VEN vs IEN
IGATE Pull-Up
VIN (V)
44
47
50
53
56
59
62
400
500
600
700
800
900
9111 G01
150°C
25°C
–40°C
TEMPERATURE (°C)
–40 –20 0 20 40 60 80 100 120 140 160
17.0
17.2
17.4
17.6
17.8
18.0
9111 G02
TEMPERATURE (°C)
–40 –20 0 20 40 60 80 100 120 140 160
11.5
11.7
11.9
12.1
12.3
12.5
9111 G03
TEMPERATURE (°C)
–40 –20 0 20 40 60 80 100 120 140 160
44.8
45.4
46.0
46.6
47.2
9111 G04
TEMPERATURE (°C)
–40 –20 0 20 40 60 80 100 120 140 160
29.0
29.5
30.0
30.5
31.0
9111 G05
VSIG_EN
VSIG_DIS
TEMPERATURE (°C)
–40 –20 0 20 40 60 80 100 120 140 160
3.90
4.65
5.40
6.15
6.90
9111 G06
150°C
25°C
–40°C
VIN (V)
2.3 2.4 2.6 2.7 2.8 2.9 3.1 3.2 3.3 3.4 3.6
1.45
1.50
1.55
1.60
1.65
9111 G07
IPULL-DOWN
IPULL-UP
VEN (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.80
1.60
2.40
3.20
4.00
9111 G08
VGATE – VOUT (V)
0
2
4
6
8
10
12
0
2.00
4.00
6.00
8.00
10.00
12.00
9111 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com