Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 10 Page - Analog Devices

Part # LT8331
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC9111
10
Rev. 0
For more information www.analog.com
MDI_POWER1
In the MDI_POWER1 state, the wakeup signature circuitry
and SCCP pull-down are disabled. The LTC9111 current
draw is reduced to IPD_PWR1, allowing the PSE pull-up
current to charge the cable and port capacitance. When
the LTC9111 senses that its input voltage has risen above
VON, it advances to the MDI_POWERDELAY state.
When in MDI_POWER1 state, if the input voltage drops
below VSIG_ENABLE due to a fault, the LTC9111 re-enters
the WAKEUP state.
MDI_POWERDELAY
With the port voltage greater than VON, the PSE has nearly
finished ramping the port to the full operating voltage.
When the LTC9111 enters the MDI_POWERDELAY state, it
starts a timer tPWRDLY (> 80ms). This delay ensures the PSE
finishes ramping the port voltage before the application is
enabled, thereby preventing oscillatory behavior caused by
the cable and coupling network impedance. After the timer
expires, the LTC9111 enters the MDI_POWER2 state.
MDI_POWER2
When the LTC9111 enters the MDI_POWER2 state, the
PSE is ready to provide the full rated class power. The
external high-side MOSFET is enabled via a current source
on the GATE pin (see External Component Selection sec-
tion). An internal comparator monitors the GATE pin, and
when the GATE pin voltage exceeds the IN pin voltage
by VEN_ASSERT (6.5V min), the LTC9111 asserts the log-
ic-level EN pin. The EN pin can be used to enable the
DC/DC converter or application circuitry connected to the
OUT pin.
The LTC9111 remains in the MDI_POWER2 state until the
port voltage drops below VOFF. If the port voltage drops
below VOFF, the LTC9111 enters the DISCONNECT state.
The port voltage may drop due to physical disconnection
from the PSE or because the PSE initiated power removal.
DISCONNECT
When the LTC9111 enters the DISCONNECT state, the
external high-side MOSFET is turned off and the EN pin
is de-asserted. A compliant PSE will discharge the port
voltage to the range of VSLEEP (typically 3.3V). As the
port voltage drops below VSIG_ENABLE, the LTC9111 again
enters the WAKEUP state.
Thereafter, the PSE may re-perform classification of the
LTC9111 before applying full operating voltage to the
LTC9111. A PSE may also maintain the port at the ~3.3V
sleep voltage or disable the port entirely and discharge
the voltage to 0V, in which case the LTC9111 will return
to the RESET state.
POWER CLASS AND SCCP
Power Class is a key concept in the Power over Data Line
(PoDL) standard. Class defines both the PSE output voltage
range and the maximum power being sourced or drawn
in the system. PoDL defines 16 Classes (0 through 15).
Class 0 through 9 are defined by IEEE 802.3bu for auto-
motive systems. Class 10 through 15 are defined by IEEE
802.3cg for discoverable systems used in building and
factory automation. Classes 10 through 12 correspond to
a 24V nominal PSE output voltage, as demanded by many
industrial, factory automation, legacy building automation
and wet locations. Each of the three 24V classes represents
a different cabling definition and accompanying maximum
power transfer. Classes 13 through 15 provide a 54V nomi-
nal PSE output voltage, to maximize power transfer without
exceeding Safety Extra Low Voltage (SELV). Table 1 sum-
marizes the IEEE 802.3cg PSE and PD Class pairs.
In addition to their Power Class, PoDL PSEs and PDs
are identified with a Type based on their PHY compati-
bility. The LTC9111 is designed for PDs compatible with
10Base-T1L PHYs, which is defined as Type E.
Table 1. PSE and PD Valid Class Pairs
PSE
CLASS
MAX PD
POWER
(W)
PD
VOLTAGE
(MIN)
(V)
PD
VOLTAGE
(MAX)
(V)
IMAX
(mA)
COMPATIBLE
PD CLASS(ES)
10
1.23
14
30
92
10
11
3.2
14
30
240
10, 11
12
8.4
14
30
632
10, 11, 12
13
7.7
35
58
231
13
14
20
35
58
600
13, 14
15
52
35
58
1579
13, 14, 15
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com