Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8331
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices LT8331 Datasheet HTML 15Page - Analog Devices LT8331 Datasheet HTML 16Page - Analog Devices LT8331 Datasheet HTML 17Page - Analog Devices LT8331 Datasheet HTML 18Page - Analog Devices LT8331 Datasheet HTML 19Page - Analog Devices LT8331 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC9111
20
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2022
09/22
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
Circuit for Class 15: 55V, 52W
SPoE DIFFERENTIAL INDUCTOR (L1):
TDK, PID120H-560M
COILCRAFT, MSD1278H-563
SPoE COMMON MODE CHOKE (L2):
BOURNS, SRF1306-600Y
L3
INPUT BRIDGE RECTIFIER HIGH SIDE DIODES (D1, D2):
NEXPERIA, PMEG10020AELRX
INPUT BRIDGE RECTIFIER LOW SIDE FETS (M4, M5):
NEXPERIA, BUK9M120-100EX
DUAL FET: NEXPERIA, BUK9K134-100EX
INPUT TVS (D3):
NEXPERIA, PTVS58VP1UTP
PD HOT SWAP FET (M1):
NEXPERIA, PSMN075-100MSEX
DATA COMMON MODE CHOKE (L3):
BOURNS, DR334A-475ME
TDK, B82793C0475N265
DATA TRANSFORMER (T1):
TDK, ICI70CGI-222N
*R5 VALUE DEPENDS ON COMMON MODE IMPEDANCE OF CABLE.
SCCP PULLDOWN FETS (M2, M3):
ONSEMI, BSS123LT1G
220nF
M1
CGATE
R1
M5
M4
RGATE
D1
D2
M2
C2
C1
CSTBY
M3
R3
R4
L1
CBULK
D3
RBULK
STBY
SNS1
SNS2
IN
GND
GATE
EN
CLASSC
CLASSV
ADIN1100
LTC9111
OUT
LGATE1
LGATE2
SCCP
22nF
100V
NPO
3.3
1/4W
2.2µF
6.3V
3.3
1/4W
3.3
1/4W
150nF
100V
X7R
47nF
100V
X7R
100V
X7R
220nF
100V
X7R
FROM
PSE
40
1/4W
10k
BSS123
BSS123
T1
47 F
100V
IN
GND
EN
ISOLATED/
NON-ISOLATED
DC/DC
REGULATOR
9111 TA02
1M
1206
1M
1206
L2
R2
100
C3
47nF
100V
X7R
22nF
100V
X7R
22nF
100V
X7R
R5*
75
•
•
10k
1206
10k
1206
OUT+
OUT–
VREG
PART NUMBER
DESCRIPTION
COMMENTS
LTC4296-1
IEEE 802.3cg SPoE 5-port PSE Controller
Transformer Isolation, Fully Compliant IEEE 802.3bt Type 3 and Type 4;
Supports IEEE 802.3af, IEEE 802.3at and IEEE 802.3bt PDs
ADIN1100
IEEE 802.3cg 10Base-T1L Ethernet PHY
Low Power, Single Port Transceiver; Compliant with IEEE 802.3cg-2019
Ethernet Standard for Long Reach SPE
ADIN2111
Low Complexity, 2-Port Ethernet Switch with Integrated
10Base-T1L PHYs
Low Power, Low Complexity, Two-Ethernet Ports Switch and One SPI Port
ADIN1110
Robust, Industrial, Low Power 10Base-T1L Ethernet
MAC-PHY
Ultralow Power, Single Port Transceiver; Compliant with IEEE 802.3cg-2019
Ethernet Standard for Long Reach SPE
LT8301
42VIN Micropower No-Opto Isolated Flyback Converter
with 65V/1.2A Switch
Low IQ Monolithic No-Opto Flyback 5-Lead TSOT-23
LT8303
100VIN Micropower Isolated Flyback Converter with
150V/450mA Switch
Low IQ Monolithic No-Opto Flyback, 5-Lead TSOT-23
LT8331
Low IQ Boost/SEPIC/Flyback/Inverting Converter with
0.5A, 140V Switch
VIN = 4.5V to 100V, VOUT(MAX) =140V, IQ = 6µA (Burst Mode® Operation),
MSOP-16(12)E Package
LT8309
Secondary-Side Synchronous Rectifier Driver
4.5V ≤ VCC ≤ 40V, Fast Turn-On and Turn-Off, 5-Lead TSOT-23
LT8607
42V, 750mA, 93% Efficiency, 2.2MHz Synchronous
Step-Down DC/DC Converter
VIN = 3V to 42V, VOUT(MIN) = 0.778V, IQ = 6µA, ISD < 1µA, MSOP-10E
Package
LT8619
60V, 1.2A Synchronous Monolithic Buck Regulator with
6μA Quiescent Current
VIN = 3V to 60V, VOUT(MIN) = 3.3V, IQ = 2.5µA, ISD < 1µA, 3mm × 3mm
DFN-10, MSOP-16E Packages
LT8641
65V, 3.5A Synchronous Step-Down Silent Switcher®
with 2.5μA Quiescent Current
VIN(MIN) = 3V, VIN(MAX) = 65V, VOUT(MIN) = 0.81V, IQ = 2.5µA, ISD < 1µA,
3mm × 4mm QFN-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com