Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8331
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 3 Page - Analog Devices

  LT8331 Datasheet HTML 1Page - Analog Devices LT8331 Datasheet HTML 2Page - Analog Devices LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC9111
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN, SNS1, SNS2, OUT
VIN
Input Supply Operating Range
Normal Operating Range
l
2.3
60
V
IIN
Input Supply Current
VIN = 3.3V, CLASSIFICATION State
VIN = 60V, MDI_POWER2 State
l
l
75
500
150
1000
µA
µA
IPD_PWR1
Input Supply Current During Inrush
VIN < VON, MDI_POWER1 State
l
700
µA
IWAKEUP_PD
Wakeup Signature Current
2.3V < VIN < 3.575V
l
1.3
1.55
1.8
mA
VSIG_ENABLE
DISCONNECT State Exit Threshold
Voltage
∆VSNS Falling Edge
l
3.9
4
4.1
V
VSIG_DISABLE
MDI_PWR1 State Entry Threshold
Voltage
∆VSNS Rising Edge
l
6.7
6.8
6.9
V
VON
Gate On Threshold Voltage
VIN Rising Edge, VSNS1 = VIN, VSNS2 = 0V
CLASS 10/11/12: VCLASSV = 0V
CLASS 13/14/15: VCLASSV = VSTBY
l
l
17
44.8
17.5
46
18
47.2
V
V
VOFF
Gate Off Threshold Voltage
VIN Falling Edge, VSNS1 = VIN, VSNS2 = 0V
CLASS 10/11/12: VCLASSV = 0V
CLASS 13/14/15: VCLASSV = VSTBY
l
l
11.5
29
12
30
12.5
31
V
V
VOV
Overvoltage Threshold for Classes 10
through 12
VIN Rising Edge
l
37
38.5
40
V
ISNS1
SNS1 Input Current
VSNS1 = 60V
l
200
µA
ISNS2
SNS2 Input Current
VSNS2 = 60V
l
200
µA
IOUT_SLEEP
OUT Pull-Down Current, Sleep
VOUT = VIN = 6V
l
8
16
µA
IOUT_ON
OUT Leakage Current, Gate ON
VOUT = VIN = 60V
l
±10
µA
VEN_ASSERT
Gate Drive Voltage Required to Assert EN (VGATE to VIN) Rising Edge
l
6.5
8.2
V
GATE
∆VGATE
Gate Drive
∆VGATE = VGATE to VOUT, ILGATE = –1μA, VIN >
5.75V, MDI_POWER2 State
l
10
12.5
V
IGATE(UP)
GATE Pull-Up Current
GATE ON, VGATE = 1V, VOUT = 0V, MDI_POWER2
State
l
–6.5
–10
–14
µA
IGATE(DOWN)
GATE Pull-Down Current
GATE OFF, VGATE = VOUT + 5V, 4.4V < VIN to
VOUT < 60V
l
3.5
7.5
mA
tPOWER_DLY
GATE ON Assertion Delay
∆VSNS > VON (Note 4)
l
80
100
120
ms
STBY Regulator
VSTBY
STBY Regulator Output Voltage
VIN > 4V, ISTBY < 1.5mA
l
3.4
3.5
3.6
V
VSTBY_DV
STBY Regulator Dropout Voltage
ISTBY = –0.1mA
ISTBY = –1.5mA
l
l
40
250
mV
mV
ISTBY_LIM
STBY Regulator Current Limit
VSTBY = 0V
l
2
mA
LGATE1, LGATE2
VLGATE
Open-Circuit Low-Side Gate Drive Voltage VSTBY = 3.5V, ILGATE1/2 = –1µA
l
5
8
V
ILGATE
Start-Up Gate Pull-Up
VIN = 1.6V, VLGATE1/2 = 3V
VIN = 3.1V, VLGATE1/2 = 3V
l
–1.5
–5
µA
l
–20
–60
µA
VGATE_HI
Low-Side Gate Voltage Threshold to
Enable Wakeup Signature
l
2.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com