Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW2008 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DW2008
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2008 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DW2008 Datasheet HTML 11Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 12Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 13Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 14Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 15Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 16Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 17Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 18Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
HEAVY-DUTY ACCESSORIES
35
CARBIDE TIPPED PORTABLE
CONSTRUCTION SAW BLADES
CAT #
DESCRIPTION
DIAMETER
TEETH
ARBOR
HOOK
KERF
ANGLE
INCHES
6-1/2" Blades
DW3161
Combination
6-1/2"
18
5/8"
+25°
.071"
7-1/4" Blades
DW3171
Combination
7-1/4"
16
5/8"
+25°
.071"
DW3192
Combination
7-1/4"
18
5/8"
+15°
.071"
DW3173
Combination
7-1/4"
20
5/8"
+25°
.071"
DW3174
Pressure Treated/Wet Lumber
7-1/4"
20
5/8"
+25°
.071"
DW3178
Framing
7-1/4"
24
5/8"
+18°
.071"
DW3176
Combination
7-1/4"
36
5/8"
+15°
.071"
8-1/4" Blades
DW3182
Combination
8-1/4"
24
5/8"
+20°
.076"
DW3184
Combination
8-1/4"
40
5/8"
+15°
.076"
Bulk Packs
DW3571
Bulk-25 pack
7-1/4"
16
5/8"
+25°
.071"
DW3592B10
Bulk-10 pack
7-1/4"
18
5/8"
+15°
.071"
DW3578B10
Bulk-10 pack
7-1/4"
24
5/8"
+18°
.071"
DW3576B10
Bulk-10 pack
7-1/4"
36
5/8"
+15°
.071"
DW3582
Bulk-10 pack
8-1/4"
24
5/8"
+20°
.076"
DW3574
Pressure Treated/Wet Lumber
7-1/4"
20
5/8"
+25°
.071"
DW3599B10
Framing Thin Kerf-10 pack
7-1/4"
24
5/8"
+18˚
.059"
CORDLESS CONSTRUCTION SAW BLADES
CAT #
DESCRIPTION
DIAMETER
TEETH
ARBOR
HOOK
KERF
ANGLE
INCHES
5-3/8" Blades
DW9055
Fast Woodcutting
5-3/8"
16
10mm"
20°
.059"
DW9054
Smooth Woodcutting
5-3/8"
24
10mm"
20°
.059"
DW9052
Aluminum/Nonferrous Metals
5-3/8"
30
10mm"
3°
.059"
DW9053
Steel Saw Blade (Vinyl/Paneling)
5-3/8"
80
5/8"
-10°/-45°
.059"
6-1/2" Blades
DW9155
Fast Cutting
6-1/2"
18
5/8"
20°
.059"
DW9154
Framing
6-1/2"
24
5/8"
20°
.059"
DW9152
Aluminum Cutting Blade
6-1/2"
36
5/8"
3°
.059"
DW9153
Steel Saw Blade (Vinyl/Paneling)
6-1/2"
90
5/8"
35°
.059"
Bulk Packs
DW9058
Combo (DW9052, DW9055)
5-3/8"
16/30
10mm"
+3°/+20°
.059"
DW9059C5
Combo (DW9052, DW9053, DW9054) 5-3/8"
24/30/78
10mm"
+18°/-45°/+20°
.059"
DW9158
Combo (DW9155 & DW9154)
6-1/2"
18/24
5/8"
20°
.059"
NAIL CUTTING PORTABLE
CONSTRUCTION SAW BLADES
CAT #
DESCRIPTION
DIA.
TEETH
ARBOR HOOK
KERF
ANGLE
INCHES
7-1/4" Blades
DW3191
Nail Cutting
7-1/4"
18
5/8"
+15°
.071"
Bulk Packs
DW3591B10
Bulk
7-1/4"
18
5/8"
+15°
.071"
CONSTRUCTION SAW BLADE FOR
HARDIPLANK® FIBER CEMENT
CAT #
DESCRIPTION
DIA.
TEETH
ARBOR HOOK
KERF
ANGLE
INCHES
7-1/4" Blade
DW3193 Fiber Cement Cutting
7-1/4"
6
5/8"
-5˚
.090"
STEEL CIRCULAR
SAW BLADES
CAT #
DESCRIPTION
DIAMETER
TEETH
ARBOR
6-1/2" Blades
DW3310
Steel Fast Cut
6-1/2"
24
5/8"
7-1/4" Blades
DW3330
Iron/Steel
7-1/4"
16 Slots
5/8"
DW3323
Steel Fast Cut
7-1/4"
26
5/8"
DW3325
Steel Combo
7-1/4"
40
5/8"
DW3327
Steel Hollow Ground Planer
7-1/4"
60
5/8"
DW3332
Steel Master Combo
7-1/4"
60
5/8"
DW3329
Steel Non-ferrous Steel
7-1/4"
68
5/8"
DW3324
Steel Crosscut
7-1/4"
100
5/8"
DW3524
Crosscut
7-1/4"
100
5/8"
CAT #
DESCRIPTION
DIAMETER
TEETH
ARBOR
8-1/4" Blades
DW3350
Steel Combination
8-1/4"
40
5/8"
10" Blades
DW3370
Steel Fast Cut
10"
28
5/8"
DW3372
Steel Hollow Ground Planer
10"
80
5/8"
Bulk Packs
DW3523
Combo - Bulk
7-1/4"
26
5/8"
DW3526
Hollow Ground Ply - Bulk
7-1/4"
140
5/8"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com