Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW2008 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # DW2008
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2008 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button DW2008 Datasheet HTML 14Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 15Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 16Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 17Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 18Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 19Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 20Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 21Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
HEAVY-DUTY ACCESSORIES
38
TYPE 27 - GRINDING WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Notching
DW8750
4-1/2"
3/32"
7/8"
Metal Cutting & Notching
13,300
DW8751
4-1/2"
3/32"
5/8"-11
Metal Cutting & Notching
13,300
DW8752
5"
3/32"
7/8"
Metal Cutting & Notching
12,200
DW8753
5"
3/32"
5/8"-11
Metal Cutting & Notching
12,200
DW8754
6"
3/32"
7/8"
Metal Cutting & Notching
10,100
DW8755
6"
3/32"
5/8"-11
Metal Cutting & Notching
10,100
DW8756
7"
3/32"
7/8"
Metal Cutting & Notching
8,700
DW8757
7"
3/32"
5/8"-11
Metal Cutting & Notching
8,700
DW8758
9"
3/32"
7/8"
Metal Cutting & Notching
6,600
DW8759
9"
3/32"
5/8"-11
Metal Cutting & Notching
6,600
Metal Cutting / Light Grinding
DW4418
4"
1/8"
5/8"
Metal Cutting
15,200
DW4518
4-1/2"
1/8"
7/8"
Metal Cutting
13,300
DW4522
4-1/2"
1/8"
5/8"-11
Metal Cutting
13,300
DW4618
5"
1/8"
7/8"
Metal Cutting
12,200
DW4526
5"
1/8"
5/8"-11
Metal Cutting
12,200
DW8467
6"
1/8"
7/8"
Metal Cutting
10,100
DW4627
6"
1/8"
5/8"-11
Metal Cutting
10,100
DW4750
7"
1/8"
7/8"
Metal Cutting
8,700
DW4751
7"
1/8"
5/8"-11
Metal Cutting
8,700
DW4752
9"
1/8"
7/8"
Metal Cutting
6,600
DW4753
9"
1/8"
5/8"-11
Metal Cutting
6,600
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Metal Grinding
DW4419
4"
1/4"
5/8"
Metal Grinding
15,200
DW4514
4-1/2"
1/4"
7/8"
Metal Grinding
13,300
DW4523
4-1/2"
1/4"
5/8"-11
Metal Grinding
13,300
DW4619
5"
1/4"
7/8"
Metal Grinding
12,200
DW4623
5"
1/4"
5/8"-11
Metal Grinding
12,200
DW4624
6"
1/4"
7/8"
Metal Grinding
10,100
DW4626
6"
1/4"
5/8"-11
Metal Grinding
10,100
DW4719
7"
1/4"
7/8"
Metal Grinding
8,700
DW4999
7"
1/4"
5/8"-11
Metal Grinding
8,700
DW4949
9"
1/4"
7/8"
Metal Grinding
6,600
DW4954
9"
1/4"
5/8"-11
Metal Grinding
6,600
Fast Material Removal
DW4541
4-1/2"
1/4"
7/8"
Fast Metal Grinding
13,300
DW4542
4-1/2"
1/4"
5/8"-11
Fast Metal Grinding
13,300
DW4543
5"
1/4"
7/8"
Fast Metal Grinding
12,200
DW4544
5"
1/4"
5/8"-11
Fast Metal Grinding
12,200
DW4545
6"
1/4"
7/8"
Fast Metal Grinding
10,100
DW4546
6"
1/4"
5/8"-11
Fast Metal Grinding
10,100
DW4547
7"
1/4"
7/8"
Fast Metal Grinding
8,700
DW4548
7"
1/4"
5/8"-11
Fast Metal Grinding
8,700
DW4549
9"
1/4"
7/8"
Fast Metal Grinding
6,600
DW4550
9"
1/4"
5/8"-11
Fast Metal Grinding
6,600
Type 27
C
A
B
A = Diameter B = Thickness C = Arbor
GENERAL PURPOSE
TYPE 27 - GRINDING WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Metal Cutting / Notching
DW8800
4"
3/32"
5/8"
Metal Cutting & Notching
15,200
DW8804
4-1/2"
3/32"
7/8"
Metal Cutting & Notching
13,300
DW8805
4-1/2"
3/32"
5/8"-11
Metal Cutting & Notching
13,300
DW8810
5"
3/32"
7/8"
Metal Cutting & Notching
12,200
DW8811
5"
3/32"
5/8"-11
Metal Cutting & Notching
12,200
DW8816
6"
3/32"
7/8"
Metal Cutting & Notching
10,100
DW8817
6"
3/32"
5/8"-11
Metal Cutting & Notching
10,100
DW8822
7"
3/32"
7/8"
Metal Cutting & Notching
8,700
DW8823
7"
3/32"
5/8"-11
Metal Cutting & Notching
8,700
DW8828
9"
3/32"
7/8"
Metal Cutting & Notching
6,600
DW8829
9"
3/32"
5/8"-11
Metal Cutting & Notching
6,600
Pipeline Cutting / Grinding
DW8801
4"
1/8"
3/8"
Pipeline Cutting/Grinding
15,200
DW8802
4"
1/8"
5/8"
Pipeline Cutting/Grinding
15,200
DW8806
4-1/2"
1/8"
7/8"
Pipeline Cutting/Grinding
13,300
DW8807
4-1/2"
1/8"
5/8"-11
Pipeline Cutting/Grinding
13,300
DW8812
5"
1/8"
7/8"
Pipeline Cutting/Grinding
12,200
DW8813
5"
1/8"
5/8"-11
Pipeline Cutting/Grinding
12,200
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Pipeline Cutting / Grinding (continued)
DW8818
6"
1/8"
7/8"
Pipeline Cutting/Grinding
10,100
DW8819
6"
1/8"
5/8"-11
Pipeline Cutting/Grinding
10,100
DW8824
7"
1/8"
7/8"
Pipeline Cutting/Grinding
8,700
DW8825
7"
1/8"
5/8"-11
Pipeline Cutting/Grinding
8,700
DW8830
9"
1/8"
7/8"
Pipeline Cutting/Grinding
6,600
DW8831
9"
1/8"
5/8"-11
Pipeline Cutting/Grinding
6,600
Metal Grinding
DW8803
4"
1/4"
5/8"
Metal Grinding
15,200
DW8808
4-1/2"
1/4"
7/8"
Metal Grinding
13,300
DW8809
4-1/2"
1/4"
5/8"-11
Metal Grinding
13,300
DW8814
5"
1/4"
7/8"
Metal Grinding
12,200
DW8815
5"
1/4"
5/8"-11
Metal Grinding
12,200
DW8820
6"
1/4"
7/8"
Metal Grinding
10,100
DW8821
6"
1/4"
5/8"-11
Metal Grinding
10,100
DW8826
7"
1/4"
7/8"
Metal Grinding
8,700
DW8827
7"
1/4"
5/8"-11
Metal Grinding
8,700
DW8832
9"
1/4"
7/8"
Metal Grinding
6,600
DW8833
9"
1/4"
5/8"-11
Metal Grinding
6,600
Type 27
C
A
B
A = Diameter B = Thickness C = Arbor
EXTENDED PERFORMANCE ZIRCONIA STAINLESS STEEL
TYPE 27 - GRINDING
WHEELS/CUTTING WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Concrete/Masonry Cutting
DW4428
4"
1/8"
5/8"
Concrete Cutting
15,200
DW4528
4-1/2"
1/8"
7/8"
Concrete Cutting
13,300
DW4552
4-1/2"
1/8"
5/8"-11
Concrete Cutting
13,300
DW4628
5"
1/8"
7/8"
Concrete Cutting
12,200
DW4658
5"
1/8"
5/8"-11
Concrete Cutting
12,200
DW4728
7"
1/8"
7/8"
Concrete Cutting
8,700
DW4758
7"
1/8"
5/8"-11
Concrete Cutting
8,700
DW4928
9"
1/8"
7/8"
Concrete Cutting
6,600
DW4929
9"
1/8"
5/8"-11
Concrete Cutting
6,600
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Concrete/Masonry Grinding
DW4429
4"
1/4"
5/8"
Concrete Grinding
15,200
DW4524
4-1/2"
1/4"
7/8"
Concrete Grinding
13,300
DW4551
4-1/2"
1/4"
5/8"-11
Concrete Grinding
13,300
DW4629
5"
1/4"
7/8"
Concrete Grinding
12,200
DW4553
5"
1/4"
5/8"-11
Concrete Grinding
12,200
DW4554
7"
1/4"
7/8"
Concrete Grinding
8,700
DW4759
7"
1/4"
5/8"-11
Concrete Grinding
8,700
DW4557
9"
1/4"
7/8"
Concrete Grinding
6,600
DW4959
9"
1/4"
5/8"-11
Concrete Grinding
6,600
Type 27
C
A
B
A = Diameter B = Thickness C = Arbor
CONCRETE/MASONRY
Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com