Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW2008 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DW2008
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2008 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DW2008 Datasheet HTML 5Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 6Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 7Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 8Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 9Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 10Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 11Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 12Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PERCUSSION
DRILL BITS
STEP DRILL BITS
HEAVY-DUTY ACCESSORIES
29
BELLHANGER BITS
CAT #
DIAMETER
LENGTH
DW1768
1/4"
12"
DW1769
5/16"
12"
DW1770
3/8"
12"
DW1771
7/16"
12"
DW1772
1/2"
12"
DW1773
1/4"
18"
DW1774
5/16"
18"
DW1775
3/8"
18"
CAT #
DIAMETER
LENGTH
DW1776
7/16"
18"
DW1777
1/2"
18"
DW1778
1/4"
24"
DW1779
5/16"
24"
DW1780
3/8"
24"
DW1781
7/16"
24"
DW1782
1/2"
24"
DIAMOND DRILL BITS
CAT #
DESCRIPTION
DW5570
3/16" Diamond Drill Bit
DW5572
1/4" Diamond Drill Bit
DW5574
5/16" Diamond Drill Bit
DW5576
3/8" Diamond Drill Bit
CAT #
DESCRIPTION
DW5578
1/2" Diamond Drill Bit
DW5580
5/8" Diamond Drill Bit
DW5582
3/4" Diamond Drill Bit
DW5584
1" Diamond Drill Bit
CAT #
DESCRIPTION
# OF HOLES
SHANK
MAX. MAT.
SIZE
THICKNESS
Self Starting
DW1783
1/8" – 1/2" by 1/32"
13
1/4"
1/8"
DW1784
3/16" – 1/2" by 1/16"
6
1/4"
3/8"
DW1785
1/4" – 3/4" by 1/16"
9
3/8"
1/8"
DW1786
3/16" – 7/8" by 1/16"
12
3/8"
1/8"
DW1787
7/8", 1-1/8", 1-3/8"
3
1/2"
3/16"
DW1788
3/8", 1/2"
2
1/4"
3/16"
DW1789
7/8", 1-1/8"
2
1/2"
1/8"
DW1790
7/8"
1
3/8"
-
CAT #
DESCRIPTION
# OF HOLES
SHANK
MAX. MAT.
SIZE
THICKNESS
Self Starting (continued)
DW1793
4, 5, 6, 7, 8, 9, 10, 11, 12
9
1/4"
5mm
DW1795
6, 8, 10, 12, 14, 16, 18
7
3/8"
5mm
Hole Enlarging
DW1791
9/16" – 1" by 1/16"
8
1/2"
1/8"
DW1792
13/16" – 1-3/8" by 1/16"
10
1/2"
1/8"
DW1794
14, 16, 18, 20, 22, 24, 25
7
1/2"
5mm
DW1796
20, 22, 24, 26, 28, 30, 32, 34
8
1/2"
5mm
Self Starting Bit
Hole Enlarging Bit
CAT #
DIAMETER
USABLE
OVERALL
LENGTH
LENGTH
DW5221
1/8"
2"
3"
DW5209
5/32"
2"
3"
DW5227
5/32"
4"
6"
DW5222
3/16"
2"
3"
DW5223
3/16"
4"
6"
DW5211
7/32"
4"
6"
DW5224
1/4"
2"
4"
DW5225
1/4"
4"
6"
DW5226
1/4"
7"
12"
DW5228
5/16"
4"
6"
DW5229
5/16"
7"
12"
DW5230
3/8"
4"
6"
DW5231
3/8"
7"
12"
CAT #
DIAMETER
USABLE
OVERALL
LENGTH
LENGTH
DW5232
3/8"
16"
18"
DW5233
3/8"
22"
24"
DW5234
7/16"
4"
6"
DW5235
1/2"
4"
6"
DW5236
1/2"
7"
12"
DW5237
1/2"
16"
18"
DW5238
1/2"
22"
24"
DW5217
9/16"
4"
6"
DW5241
5/8"
4"
6"
DW5242
5/8"
7"
12"
DW5244
3/4"
4"
6"
DW5245
3/4"
7"
12"
DW5219
7/8"
7"
12"
DW5249
1"
7"
12"
CAT #
DIAMETER
USABLE
OVERALL
LENGTH
LENGTH
Bulk Packs
DW5221B25
1/8"
2"
3"
DW5222B25
3/16"
2"
3"
DW5223B25
3/16"
4"
6"
DW5224B25
1/4"
2"
4"
DW5225B25
1/4"
4"
6"
DW5227B25
5/32"
3"
6"
DW5228B25
5/16"
4"
6"
DW5230B25
3/8"
4"
6"
DW5235B10
1/2"
4"
6"
Fits all brands of Electric
and Cordless Hammerdrills
including DEWALT, Bosch
and Hilti.
DW5204
4 Piece Percussion
Masonry Drill Bit Set
Contains: 3/16" x 3",
1/4" x 4", 5/16" x 6",
3/8" x 6"
DW5205
5 Piece Percussion
Masonry Drill Bit Set with
TOUGH CASE
TM Container
Contains: 5/32" x 6",
3/16" x 6", 1/4" x 6",
5/16" x 6", 3/8" x 6"
DW5207
7 Piece Percussion
Masonry Drill Bit Set
Contains: 3/16" x 3",
(2) 1/4" x 4", 1/4" x 6",
5/16" x 6", 3/8" x 6",
1/2" x 6"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com