Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW2008 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # DW2008
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2008 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button DW2008 Datasheet HTML 16Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 17Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 18Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 19Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 20Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 21Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 22Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 23Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
HEAVY-DUTY ACCESSORIES
44
EXTENDED PERFORMANCE
PREMIUM DRY CUTTING
SEGMENTED RIM BLADES
CAT #
DIA.
THICKNESS
ARBOR
APPLICATION
MAX RPM
DW4710
4"
0.250"
5/8", 7/8", 20mm
Mortar-Dry Tuck Pointing 15,200
DW4711
4"
0.080"
5/8", 7/8", 20mm
General Purpose
15,200
DW4713
4-1/2"
0.080"
5/8", 7/8"
General Purpose
13,300
DW4714
7"
0.080"
5/8", 7/8"o
General Purpose
8,700
DW4716
12"
0.125"
1", 20mm
General Purpose
6,300
DW4747
12"
0.125"
1", 20mm
General Purpose Fast Cutting 6,300
CAT #
DIA.
THICKNESS
ARBOR
APPLICATION
MAX RPM
DW4743
12"
0.125"
1", 20mm
Cured Concrete
6,300
DW4745
12"
0.125"
1", 20mm
Asphalt/Green Concrete 6,300
DW4742
14"
0.125"
1", 20mm
General Purpose
5,400
DW4748
14"
0.125"
1", 20mm
General Purpose Fast Cutting 5,400
DW4744
14"
0.125"
1", 20mm
Cured Concrete
5,400
DW4746
14"
0.125"
1", 20mm
Asphalt/Green Concrete 5,400
Performance
EXTENDED PERFORMANCE
PREMIUM TILE BLADES
CAT #
DIA. THICKNESS
ARBOR
APPLICATION MAX RPM WETorDRY
DW4729
4"
.060"
5/8", 7/8", 20mm Ceramic Tile
15,200
Both
DW4765
4-1/2"
.060"
5/8", 7/8", 20mm Porcelain Tile
13,300
Both
DW4760
7"
.060"
5/8"
Ceramic Tile
8,700
Wet
DW4766
7"
.060"
5/8"
Porcelain Tile
8,700
Wet
CAT #
DIA. THICKNESS
ARBOR
APPLICATION MAX RPM WETorDRY
DW4761
10"
.080"
5/8"
Ceramic Tile
6,000
Wet
DW4762
10"
.060"
5/8"
Porcelain
6,000
Wet
DW4764
10"
.060"
5/8" Premium Porcelain Tile 6,000
Wet
CUP GRINDERS
CAT #
DIA. THICKNESS
ARBOR
APPLICATION
MAX RPM
DW4770
4"
5/8"-11
Single
General Purpose
15,000
DW4771
7"
5/8"-11
Single
General Purpose
8,600
CAT #
DIA. THICKNESS
ARBOR
APPLICATION
MAX RPM
DW4772
4"
5/8"-11
Double
Heavy Material Removal
15,000
DW4773
7"
5/8"-11
Double
Heavy Material Removal
8,600
Performance
EXTENDED PERFORMANCE
PREMIUM DRY CUTTING
CONTINUOUS RIM TURBO BLADES
Performance
CAT #
DIA.
THICKNESS
ARBOR
APPLICATION
MAX RPM
DW4700
4"
.080"
5/8", 7/8", 20mm
General Purpose
15,200
DW4701
4-1/2"
.080"
5/8", 7/8"
General Purpose
13,300
DW4702
7"
.090"
5/8", 7/8"o
General Purpose
8,700
CAT #
DIA.
THICKNESS
ARBOR
APPLICATION
MAX RPM
DW4703
8"
.090"
5/8", 7/8"o
General Purpose
7,600
DW4704
12"
.110"
1", 20mm
General Purpose
6,300
HIGH PERFORMANCE™
MASONRY BLADES
CAT #
DIA.
THICKNESS
ARBOR
APPLICATION
MAX RPM
DW4724
4"
.060"
5/8", 7/8", 20mm
General Purpose
15,200
DW4725
4-1/2"
.080"
5/8", 7/8"
General Purpose
13,300
CAT #
DIA.
THICKNESS
ARBOR
APPLICATION
MAX RPM
DW4712
7"
.090"
5/8", 7/8"o
General Purpose
8,700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com