Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW2008 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # DW2008
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2008 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button DW2008 Datasheet HTML 16Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 17Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 18Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 19Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 20Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 21Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 22Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 23Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
HEAVY-DUTY ACCESSORIES
43
WIRE BRUSHES (continued)
CAT #
DESCRIPTION
FACE WIDTH
TRIM LENGTH
MAX RPM
Stringer Beads/Cable Twists
DW4925
4" Stringer Bead Wire Wheel/Carbon Steel 5/8"-11 Arbor .020"
1/4"
3/4"
20,000
DW4926
4" Stringer Bead Wire Wheel (Bulk)/Carbon Steel 5/8"-11 Arbor .020"
1/4"
3/4"
20,000
DW4927*
4" Stringer Bead Wire Wheel (Bulk)/Stainless Steel 5/8"-11 Arbor .020"
1/4"
3/4"
20,000
DW4930
4" Full Cable Twist Wire Wheel/Carbon Steel 5/8"-11 Arbor .020"
1/4"
1"
20,000
DW4935
4" Full Cable Twist Wire Wheel/Carbon Steel 10mm x 1.25 Arbor .020"
1/4"
1"
20,000
DW4936
6" Stringer Bead Wire Wheel (Bulk)/Carbon Steel 5/8"-11 Arbor .020"
1/4"
1-5/16"
12,500
DW4937
6" Full Cable Twist Wire Wheel/Carbon Steel 5/8"-11 Arbor .020"
15/32"
1-3/8"
12,500
DW4938
6" Full Cable Twist Wire Wheel (Bulk)/Carbon Steel 5/8"-11 Arbor .020" 15/32"
1-3/8"
12,500
* For use on stainless steel or aluminum Grinding
FIBER RESIN DISCS
CAT #
DIAMETER
THICKNESS
GRIT
MAX. SPEED
DW4432
4"
5/8"
36
15,200rpm
DW4433
4"
5/8"
60
15,200rpm
DW4436
4"
5/8"
80
15,200rpm
DW4439
4"
5/8"
80
15,200rpm
DW4532
4-1/2"
7/8"
24
13,300rpm
DW4533
4-1/2"
7/8"
36
13,300rpm
CAT #
DIAMETER
THICKNESS
GRIT
MAX. SPEED
DW4534
4-1/2"
7/8"
24
13,300rpm
DW4535
4-1/2"
7/8"
36
13,300rpm
DW4536
4-1/2"
7/8"
60
13,300rpm
DW4537
4-1/2"
7/8"
60
13,300rpm
DW4538
4-1/2"
7/8"
80
13,300rpm
DW4539
4-1/2"
7/8"
80
13,300rpm
SANDER/POLISHER
ACCESSORIES
CAT #
DESCRIPTION
DIA.
MAX. SPEED
Backing Pads
DW4939 Paper Board Backing Pad Only
4-1/2"
16,000
DW4940 Rubber Backing Pad with M10" x 1.25" Locking Nut
4"
12,000
DW4942 7/8" Backing Pad with 5/8"-11" Locking Nut
4-1/2"
16,000
DW4945 Rubber Backing Pad with 5/8"-11" Locking Nut
4-1/2"
12,000
DW4947 6-1/2" Quick Change Flex Backing Pad
6-1/2"
8,500
DW4950 Phenolic Disc
5"
6,000
DW4951 Phenolic Disc
7"
6,000
DW4952 Phenolic Disc
9"
6,000
CAT #
DESCRIPTION
DIA.
MAX. SPEED
Backing Pads (continued)
DW4955 "Kool Flex" Backing Pad
6-3/4"
6,000
DW4956 "Kool Flex" Backing Pad
8-7/8"
6,000
DW4990 Super Flex Quick Change Rubber Backing Pad
7"
5,000
Polishing
DW4980 5/8" x 1-1/2" Cotton Polishing Buff
6"
DW4988 Wool Polishing Pad 1-1/2" Pile
7-1/2"
DW4989 Blend Cutting Pad 1-1/2" Pile
7-1/2"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com