Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW2008 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # DW2008
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2008 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button DW2008 Datasheet HTML 16Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 17Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 18Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 19Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 20Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 21Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 22Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 23Page - List of Unclassifed Manufacturers DW2008 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
TYPE 1 - CUTTING WHEELS
CHOP SAW & STATIONARY SAW CUTOFF WHEELS
HEAVY-DUTY ACCESSORIES
40
TYPE 11 - CUP WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Metal Grinding
DW4960
4"
2"
5/8"-11
Metal Grinding
9,000
DW4964
6"
2"
5/8"-11
Metal Grinding
6,000
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Concrete/Masonry Grinding
DW4961
4"
2"
5/8"-11
Concrete Grinding
9,000
DW4965
6"
2"
5/8"-11
Concrete Grinding
6,000
GENERAL PURPOSE
CONCRETE/MASONRY CUTTING
Type 11
C
A
A = Diameter B = Thickness C = Arbor
B
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8005
10"
7/64"
5/8"
Metal Cutting
6,100
DW8004
12"
7/64"
1"
Metal Cutting
5,000
DW8001
14"
7/64"
1"
General Purpose
4,300
DW8002
14"
7/64"
1"
Bar Cutter
4,300
DW8003
14"
7/64"
1"
Stud Cutting
4,300
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8010
16"
7/64"
1"
Metal Cutting
3,800
Premium ceramic coated grain for faster cutting and longer life.
DW8057
12"
7/64"
1"
Metal Cutting
5,000
DW8059
14"
7/64"
1"
Stud Cutting
4,300
GENERAL PURPOSE
Type 1
C
B
A = Diameter B = Thickness C = Arbor
A
TYPE 1 - CUTTING WHEELS
ABRASIVE SAW BLADES
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW3508
6-1/2"
1/8"
5/8"- o
Metal Cutting
9,400
DW3511
7"
1/8"
5/8"- o
Metal Cutting
8,700
DW3531
8"
1/8"
5/8"- o
Metal Cutting
7,600
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Premium ceramic coated grain for faster cutting and longer life.
DW8056
7"
1/8"
5/8"- o
Metal Cutting
8,700
METAL CUTTING
Type 1
C
B
A = Diameter B = Thickness C = Arbor
A
TYPE 1 - CUTTING WHEELS
CHOP SAW & STATIONARY SAW CUTOFF WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8009
10"
1/8"
5/8"
Concrete Cutting
6,100
DW8008
12"
1/8"
1"
Concrete Cutting
5,000
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8007
14"
1/8"
1"
Concrete Cutting
4,300
DW8011
16"
1/8"
1"
Concrete Cutting
3,800
CONCRETE/MASONRY CUTTING
Type 1
C
B
A = Diameter B = Thickness C = Arbor
A
TYPE 1 - CUTTING WHEELS
CHOP SAW & STATIONARY SAW CUTOFF WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8015
12"
3/32"
1"
Stainless Steel
5,000
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8016
14"
3/32"
1"
Stainless Steel
4,300
STAINLESS STEEL CUTTING CONTAMINANT FREE
Type 1
C
B
A = Diameter B = Thickness C = Arbor
A
TYPE 1 - CUTTING WHEELS
ABRASIVE SAW BLADES
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW3509
6-1/2"
1/8"
5/8"- o
Concrete/Masonry
9,400
DW3521
7"
1/8"
5/8"- o
Concrete/Masonry
8,700
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW3532
8"
1/8"
5/8"- o
Concrete/Masonry
7,600
CONCRETE/MASONRY CUTTING
Type 1
C
B
A = Diameter B = Thickness C = Arbor
A
Free of Iron,
Sulfur &
Chlorine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com