Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201610E-R47M Datasheet(PDF) 5 Page - Kinetic Technologies.

Part # DFE201610E-R47M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201610E-R47M Datasheet(HTML) 5 Page - Kinetic Technologies.

  DFE201610E-R47M Datasheet HTML 1Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 2Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 3Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 4Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 5Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 6Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 7Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 8Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 5 of 25
Kinetic Confidential
Electrical Characteristics8
Unless otherwise noted, the Min and Max specs are applied over the full operation temperature range of
-40°C to +85°C and VIN = 2.7V to 5.5V. Typ values are specified at +25°C with VIN = 3.6V.
Supply Specifications
Symbol
Description
Conditions
Min
Typ
Max
Units
VIN
Input Supply Operating Range
2.7
5.5
V
VUVLO
Under-Voltage Lockout Threshold
VIN rising
VIN hysteresis
2.4
2.55
200
2.7
V
mV
VOVP
Over-Voltage Protection Threshold
VIN rising
5.5
5.75
5.9
V
VIN hysteresis
200
mV
IIN
No-Load Supply Current
EN = 1, VIN = 3.6V, VOUT
2.5V, Skip
48
80
µA
EN = 1, VIN = 3.6V, Forced-PWM
16
mA
ISHDN
Shutdown Supply Current
EN = 0, TA = 25
C
0.2
1
µA
EN = 1, ENn[0]=0, TA = 25
C
0.2
1.5
µA
Logic Pin Specifications (EN, VSEL,
IRQ
̅̅̅̅̅̅)
Symbol
Description
Conditions
Min
Typ
Max
Units
VIH
Input Logic High (EN, VSEL)
1.15
V
VIL
Input Logic Low (EN, VSEL)
0.4
V
II_LK
Input Logic Leakage (EN, VSEL)
TA = 25
C, VI = 0V or VIN
-1
±0.01
1
µA
RI_PD
Input Logic Pull-Down (EN, VSEL)
only connected when VI
≤ VIL
(disconnected when VI
≥ VIH)
250
k
Ω
VOL
Output Logic Low (
IRQ
̅̅̅̅̅̅)
IO_SINK = 1mA
0.18
0.4
V
IO_LK
Output Logic Leakage (
IRQ
̅̅̅̅̅̅)
TA = 25
C, VO = high-Z or VIN
0.01
1
µA
Thermal Shutdown Specifications
Symbol
Description
Conditions
Min
Typ
Max
Units
TJ_SHDN
IC Junction Thermal Shutdown9
TJ rising
140
°C
Hysteresis
20
°C
(continued next page)
8. Device is guaranteed to meet performance specifications over the -40
C to +85C operating temperature range by design, characterization
and correlation with statistical process controls.
9. Guaranteed by design, characterization and statistical process control methods; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com