Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201610E-R47M Datasheet(PDF) 17 Page - Kinetic Technologies.

Part # DFE201610E-R47M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201610E-R47M Datasheet(HTML) 17 Page - Kinetic Technologies.

Back Button DFE201610E-R47M Datasheet HTML 13Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 14Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 15Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 16Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 17Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 18Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 19Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 20Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 21Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 17 of 25
Kinetic Confidential
I2C Registers
I2C Slave Address
Options10
7-Bit Address
Write Address
Read Address
Bits
7 6 5 4 3 2 1 0
KTB8331A/B/C/K/L/M
0x60
0xC0
0xC1
1 1 0 0 0 0 0 R/
������
̅
KTB8331D/F/G/H
0x50
0xA0
0xA1
1 0 1 0 0 0 0 R/
������
̅
KTB8331E
0x57
0xAE
0xAF
1 0 1 0 1 1 1 R/
������
̅
KTB8331J
0x51
0xA2
0xA3
1 0 1 0 0 0 1 R/
������
̅
I2C Register Map
Hex
Address
Name
Type
Access
Default
Reset
B7
B6
B5
B4
B3
B2
B1
B0
0x00
VSEL0
Config
R/W
1xxx xxxx
EN0
VOUT_VSEL0[6:0]
0x01
VSEL1
Config
R/W
1xxx xxxx
EN1
VOUT_VSEL1[6:0]
0x02
CONTROL
Config
R/W
1000 x0xx
DIS
SLEW[2:0]
RANGE RESET
MODE[1:0]
0x03
ID1
Data
R
1010 0010
VENDOR[2:0]
DIE_ID[4:0]
0x04
ID2
Status
R
0000 xxxx
RSVD
RSVD
RSVD
RSVD
DIE_REV[3:0]
0x05
MONITOR
Status
R
0000 0000
POK
_STAT
UVLO
_STAT
OVP
_STAT
POS
_STAT
NEG
_STAT
RESET
_STAT
OT
_STAT
EN
_STAT
0x06
INTMASK
Mask
R/W
1111 1111
RSVD
RSVD
RSVD
POS
_INTM
NEG
_INTM
RESET
_INTM
OT
_INTM
nEN
_INTM
0x07
INTLATCH
Intrrpt
R/C
0000 0000
RSVD
RSVD
RSVD
POS
_INT
NEG
_INT
RESET
_INT
OT
_INT
nEN
_INT
Register contents are reset in hardware to their default values by VIN power-on reset. Additionally, most registers
can be reset in software by writing 1 to the RESET bit (B2) in the CONTROL register (0x02). Default Reset bits
marked with lower-
case “x” in the register map and register details tables depend upon the ordered part# suffix
and die revision; please see the Ordering Information section. Upper-
case “X” used elsewhere in the tables
designates “don’t care”.
VSEL0 Configuration Register
Register Address 0x00
Bit
Name
Access
Default
Reset
Description
7
EN0
R/W
1
Software Buck Enable. When EN pin is low, the regulator is off.
When EN pin is high and VSEL pin is low, the EN0 bit takes
precedent.
EN pin
VSEL pin
EN0 bit
Regulator
0
X
X
off
1
0
0
off
1
0
1
on
6:0
VOUT_VSEL0[6:0]
R/W
xxx xxxx
Sets the nominal VOUT regulation voltage when VSEL pin is low.
When RANGE bit is low, the VOUT range is from 0.600 to 1.39375V.
When RANGE bit is high, the VOUT range is from 1.440 to 3.345V.
������������������������ = ������ × (600������������ + 6.25������������ × ������������������������_������������������������0)
where G = 1.0 when RANGE bit is low, and G = 2.4 when RANGE
bit is high.
10 For Alternate 1/2/3 Slave Addresses, please contact a Kinetic Technologies representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com