Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201610E-R47M Datasheet(PDF) 8 Page - Kinetic Technologies.

Part # DFE201610E-R47M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201610E-R47M Datasheet(HTML) 8 Page - Kinetic Technologies.

Back Button DFE201610E-R47M Datasheet HTML 4Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 5Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 6Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 7Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 8Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 9Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 10Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 11Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 12Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 8 of 25
Kinetic Confidential
Typical Characteristics
Unless otherwise noted, VIN = VEN = 3.6V, L = 330nH, CIN = 10µF, COUT = 2x 22µF, and TA = 25°C.
Efficiency vs. Load at VOUT = 1.15625V
VOUT Accuracy vs. VOUT Setting
(IOUT = 10mA)
VOUT Accuracy vs. Load
(VOUT = 1.15625V)
Supply Current vs. VIN
(VOUT = 1.15625V, No Load, Mode = Auto)
Shutdown Supply Current vs. VIN
VLX and ILX Switching Waveforms
(VOUT = 1.15625V, Mode = Auto)
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.001
0.01
0.1
1
10
Output Load (A)
VIN = 3V
VIN = 3.6V
VIN = 4.2V
Skip Mode
Forced
PWM
Inductor = DFE201612E-R33M
3.0V
-10
-8
-6
-4
-2
0
2
4
6
8
10
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
VOUT Setting (V)
Auto Skip
Forced PWM
Gain = 1
Gain = 2.4
-10
-8
-6
-4
-2
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Current (A)
VIN = 3V
VIN = 3.6V
VIN = 4.2V
PWM
FPWM
Skip Mode
3.0V
0
10
20
30
40
50
60
70
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
85°C
25°C
-40°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
Hardware Shutdown
Software Shutdown
400ns / div
1.5AOUT
100mAOUT
VLX: 2V / div
ILX: 1A / div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com