Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201610E-R47M Datasheet(PDF) 9 Page - Kinetic Technologies.

Part # DFE201610E-R47M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201610E-R47M Datasheet(HTML) 9 Page - Kinetic Technologies.

Back Button DFE201610E-R47M Datasheet HTML 5Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 6Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 7Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 8Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 9Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 10Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 11Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 12Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 13Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 9 of 25
Kinetic Confidential
Typical Characteristics (continued)
Unless otherwise noted, VIN = VEN = 3.6V, L = 330nH, CIN = 10µF, COUT = 2x 22µF, and TA = 25°C.
VOUT Ripple Waveforms
(VOUT = 1.15625V, Mode = Auto)
Short-Circuit Protection
Load Transient Response
(VOUT = 1.15625V, Load = 10mA-1.5A, Mode = FPWM)
Load Transient Response
(VOUT = 1.15625V, Load = 1.5A-3A, Mode = Auto)
Line Transient Response
(VOUT = 1.15625V, Mode = Auto)
Line Transient Response
(VOUT = 1.15625V, Mode = FPWM)
20
µs / div
20mV / div
0mAOUT
5mAOUT
20mAOUT
100mAOUT
500mAOUT
20
µs / div
VOUT
500mA / div
ILX
2A / div
RSHORT = 70mΩ
40
µs / div
IOUT
1A / div
VOUT (AC)
20mV / div
40
µs / div
VOUT (AC)
50mV / div
IOUT
1A / div
20
µs / div
VIN
1V / div
IOUT
10mA / div
VOUT (AC)
20mV / div
20
µs / div
VIN
1V / div
IOUT
1A / div
VOUT (AC)
20mV / div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com