Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201610E-R47M Datasheet(PDF) 20 Page - Kinetic Technologies.

Part # DFE201610E-R47M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201610E-R47M Datasheet(HTML) 20 Page - Kinetic Technologies.

Back Button DFE201610E-R47M Datasheet HTML 16Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 17Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 18Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 19Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 20Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 21Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 22Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 23Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 24Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 20 of 25
Kinetic Confidential
MONITOR Status Register
Register Address 0x05
Bit
Name
Access
Default
Reset
Description
7
POK_STAT
R
0
VOUT Power OK Status
0 = VOUT is below POK comparator threshold
1 = VOUT is above POK comparator threshold
During normal operation, the POK_STAT bit is 1. During disabled,
soft-start or overload conditions, the POK_STAT bit is 0.
6
UVLO_STAT
R
0
VIN Under-Voltage Status
0 = VIN is above the UVLO comparator threshold
1 = VIN is below the UVLO comparator threshold
During normal operation or when disabled, the UVLO_STAT bit is
0. During low input voltage conditions, the buck is disabled by the
UVLO comparator and the UVLO_STAT bit is set to 1 (so long as
VIN remains above VPOR=1.8V).
5
OVP_STAT
R
0
VIN Over-Voltage Status
0 = VIN is below the OVP comparator threshold
1 = VIN is above the OVP comparator threshold
During normal operation or when disabled, the OVP_STAT bit is 0.
During high input voltage conditions, the buck is disabled by the
OVP comparator and the OVP_STAT bit is set to 1.
4
POS_STAT
R
0
VOUT Positive Slew Status
0 = VOUT is at its set value
1 = VOUT is slewing in the positive direction towards it set value
During normal operation, the POS_STAT bit is 0. During soft-start
or positive DVS slew transitions, the POS_STAT bit is 1.
3
NEG_STAT
R
0
VOUT Negative Slew Status
0 = VOUT is at its set value
1 = VOUT is slewing in the negative direction towards it set value
During normal operation, the NEG_STAT bit is 0. During negative
DVS slew transitions, the NEG_STAT bit is 1.
2
RESET_STAT
R/C
0
Software Reset Status Latch
0 = software reset was not performed since this bit was cleared
1 = software reset was performed since this bit was cleared
The RESET_STAT bit is set to 1 when a software reset is written to
the RESET bit (B2) in the CONTROL register. The RESET_STAT
bit is NOT reset by the software reset. Instead, it is cleared (reset
to 0) after the RESET_STAT bit is read or whenever chip power is
removed (VIN<VPOR).
1
OT_STAT
R
0
Over-Temperature Status
0 = the die is not in thermal shutdown
1 = the die is in thermal shutdown
During normal operation, the OT_STAT bit is 0. During thermal
shutdown, the OT_STAT bit is 1.
0
EN_STAT
R
0
Enable Status
0 = the buck is disabled by hardware or software
1 = the buck is enabled by hardware or software
During normal operation, the EN_STAT bit is 1. During hardware
or software disabled conditions, the EN_STAT bit is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com