Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201610E-R47M Datasheet(PDF) 23 Page - Kinetic Technologies.

Part # DFE201610E-R47M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201610E-R47M Datasheet(HTML) 23 Page - Kinetic Technologies.

Back Button DFE201610E-R47M Datasheet HTML 17Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 18Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 19Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 20Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 21Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 22Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 23Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 24Page - Kinetic Technologies. DFE201610E-R47M Datasheet HTML 25Page - Kinetic Technologies.  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 23 of 25
Kinetic Confidential
impact on DC bias derating. At high VOUT settings, more total nominal capacitance is needed to achieve the same
effective capacitance compared to lower VOUT settings.
For the very best possible load transient response, use multiple capacitors in parallel to achieve sufficient total
effective output capacitance:
������������������������
������������������������������������������������������ ≥
������ × ������������������������������
33������Ω × (������������������ − ������������������������)
where ISTEP is the largest load transient step in the application. Please note that the above formula is already
guard-banded by a margin of 2x to accommodate capacitor and inductor tolerances and the variability of a
transient arrival time with respect to the switching cycle of the regulator.
If needed, the total effective output capacitance can be distributed by placing additional capacitors remotely at the
point of load. In applications where transient performance is less critical, especially when VIN minus VOUT is small,
it is acceptable to reduce the total effective output capacitance to save board space and cost at the expense of
load transient droop and soar.
As a design example, consider a system with VIN = 3.2V (min), VOUT = 1.8V, and ISTEP = 2A (max):
������������������������
������������������������������������������������������ ≥
330������������ × 2������
33������Ω × (3.2������ − 1.8������)
≅ 14������������
In this example, choose output capacitors with total effective capacitance of 14µF or more at a DC bias of 1.8V. A
single 15µF capacitor will not be enough when considering its DC bias characteristic, per Figure 5. At 1.8V bias,
it retains only about 8µF; therefore, for best transient response, use two of these capacitors in parallel for a total
effective capacitance of 16µF.
Figure 5. Typical DC bias derating characteristic for example 15µF ceramic capacitor.
When operating near dropout with high VOUT and low VIN (for example 3.3VOUT and 3.6VIN), add additional bulk
capacitance to COUT to reduce VOUT droop and ringing during load transient events that is inherent in buck
regulators operating at high duty-cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com