Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 41Page - STMicroelectronics ST25R3916 Datasheet HTML 42Page - STMicroelectronics ST25R3916 Datasheet HTML 43Page - STMicroelectronics ST25R3916 Datasheet HTML 44Page - STMicroelectronics ST25R3916 Datasheet HTML 45Page - STMicroelectronics ST25R3916 Datasheet HTML 46Page - STMicroelectronics ST25R3916 Datasheet HTML 47Page - STMicroelectronics ST25R3916 Datasheet HTML 48Page - STMicroelectronics ST25R3916 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 157 page
background image
DS12484 Rev 4
45/157
ST25R3916/7
Application information
156
Bit d_ac_ap2p allows filtering of NFCIP-1 active frames.
Low power field detection
The Fixed listen communication and Bit rate detection modes can be enhanced in terms of
power consumption by using the field detector in Low-power mode, putting the
ST25R3916/7 in power-down mode (en = 0) while waiting for an external field from a
peer/reader.
For this mode the Bit rate detection mode or the Fixed listen communication mode have to
be selected, and bits en, rx_en and tx_en in the Operation control register need to be
cleared to 0.
In this mode the field detector has to be configured to automatic or manual peer detection
threshold.
On detection of external field (I_eon) the ST25R3916/7 temporarily enable the oscillator and
the receiver. The host needs to confirm it by setting en and rx_en option bits in the
Operation control register within 10 ms.
From this point on normal bit rate detection or normal target communication can be
performed.
PT memory
The PT_Memory is used to store data for NFCIP-1 passive target and NFC-A card/listen
mode. It is loaded via the host interface as described in Section 4.3.
Table 7. PT_Memory address space
Location
Description
Data usage
0-9
NFCID1 (4/7/RFU bytes)
4 bytes: locations 0-3
7 bytes: locations 0-6
NFC-A anticollision
10,11
SENS_RES2:1
SENS_REQ response
12
SELR_L1
SEL Level 1 response.
13
SELR_L2
SEL Level 2 response
14
SELR_L3
RFU
15,16
NFCF_SC
System code (SC) in SENSF_REQ(1)
1. SENSF_RES is transmitted in case received SC=NFCF_SC or SC=0xFFFF.
NFC-F anticollision
17-35
212/424 polling response SENSF_RES format(2)
2. NFC-212/424k SENS_RES format, see Table 8. The last two bytes in SENSF_RES are transmitted based
on the RC bytes in the SENSF_REQ.
36-47
TSN - Random numbers
Slot selection, 24 4-bit random
numbers are stored(3) (4)
3. The 4-bit slot numbers are sequentially used in the NFC212/424 Polling response. When only four TSN
numbers remain unused, an IRQ with I_sl_wl bit is sent.
4. Depending on the number of slots in the Polling request, appropriate number of the MSB bits in the slot
number is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com