Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 49Page - STMicroelectronics ST25R3916 Datasheet HTML 50Page - STMicroelectronics ST25R3916 Datasheet HTML 51Page - STMicroelectronics ST25R3916 Datasheet HTML 52Page - STMicroelectronics ST25R3916 Datasheet HTML 53Page - STMicroelectronics ST25R3916 Datasheet HTML 54Page - STMicroelectronics ST25R3916 Datasheet HTML 55Page - STMicroelectronics ST25R3916 Datasheet HTML 56Page - STMicroelectronics ST25R3916 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 157 page
background image
DS12484 Rev 4
53/157
ST25R3916/7
Application information
156
Reading received data from FIFO
Reading received data from the FIFO is similar to reading data from an addressable
registers. The SPI sequence starts with SPI operation mode bits ‘10’ to indicate a FIFO
operation followed by <C5:C0> set to 011111b. After the mode byte the ST25R3916/7 will
output the data from the FIFO as long as SCLK is present and BSS is kept low.
Figure 17. SPI communication: FIFO reading
Direct command mode
Direct command mode has no arguments, so a single byte is sent. The byte starts with the
SPI operation mode bits ‘11’ to indicate Direct Command Mode followed by the direct
command code (see Table 13) in <C5:C0>, MSB first. Execution of the direct command
starts with the rising edge of BSS (see Figure 18).
While the execution of some direct commands is immediate, there are others that start a
process of certain duration (e.g. calibration, measurements). During the execution of such
commands it is not allowed to start another activity over the SPI interface, an IRQ is sent.
when the execution is terminated.
MS53128V1
SCLK rising edge
Data transferred from MCU
SCLK falling edge
Data is sampled
BSS raising
edge indicates
end of FIFO
mode
10 pattern
indicates
FIFO mode
10
0
1
1
1
1
1
X
tristate
tristate
X
BSS
SCLK
MOSI
MISO
SCLK rising edge
Data moved from FIFO
SCLK falling edge
Data transferred to MCU
1 to 512
bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com