Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 12Page - STMicroelectronics ST25R3916 Datasheet HTML 13Page - STMicroelectronics ST25R3916 Datasheet HTML 14Page - STMicroelectronics ST25R3916 Datasheet HTML 15Page - STMicroelectronics ST25R3916 Datasheet HTML 16Page - STMicroelectronics ST25R3916 Datasheet HTML 17Page - STMicroelectronics ST25R3916 Datasheet HTML 18Page - STMicroelectronics ST25R3916 Datasheet HTML 19Page - STMicroelectronics ST25R3916 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 157 page
background image
Description
ST25R3916/7
16/157
DS12484 Rev 4
2.2.2
Receiver
The receiver detects card modulation superimposed on the 13.56 MHz carrier signal. The
receiver consists of two receive chains that are built from a set of demodulators, followed by
two gain and filtering stages and a final digitizer stage. The demodulators can operate as
AM/PM demodulator or as I/Q demodulator. The filter characteristics can be adjusted to
match the selected RF mode and bit rate to optimize performance (subcarrier frequencies
from 212 to 848 kHz are supported). Apart from the filter stage the receiver incorporates
several other features (AGC, squelch) that enable reliable operation in noisy conditions.
The receiver is connected to the antenna via the pins RFI1 and RFI2. The output of the
receiver is connected to the framing block that decodes the demodulated and digitized
subcarrier signal.
2.2.3
Phase and amplitude detector
The phase detector measures the phase difference between the transmitter output signals
(RFO1 and RFO2) and the receiver input signals (RFI1 and RFI2).
The amplitude detector measures the amplitude of the differential RF carrier signal between
the receiver inputs RFI1 and RFI2. This differential amplitude signal is directly proportional
to the amplitude of the RF signal on the antenna LC tank.
The phase- and amplitude detectors are used for several purposes:
PM demodulation, by observing RFI1 and RFI2 phase variations (LF signal is fed to the
receiver)
Average phase difference between RFOx pins and RFIx pins, to check antenna tuning
Measure amplitude of signal present on pins RFI1 and RFI2, proportional to the
antenna voltage
2.2.4
Automatic antenna tuning (AAT)
The AAT block consists of two independent 8-bit D/A converters. These converters generate
a programmable voltage (from 0 to 3.3 V) to control external variable capacitors.
Note:
Using hardware based wake-up in combination with the automatic antenna tuning feature is
not recommended. Contact your nearest ST office for further support.
2.2.5
A/D converter
The ST25R3916/7 features a built in A/D converter. Its input can be multiplexed from
different sources and it is used for the diagnostic functions and the low power card
detection. The result of the A/D conversion is stored in a register that can be read through
the host interface.
2.2.6
Capacitive sensor
The capacitive sensor is used to implement low power detection of card presence. It
measures the capacitance between two copper patches connected to the CSI and CSO
pins. This capacitance changes with the presence of an object like a card, or a hand.
During calibration the reference capacitance (representing parasitic capacitance of the
environment) is stored. In the capacitive low power card detection mode the device
(ST25R3916 only) periodically measures the capacitance and compares the measured
value to the stored reference value. If the measured capacitance differs from the stored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com