Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 36Page - STMicroelectronics ST25R3916 Datasheet HTML 37Page - STMicroelectronics ST25R3916 Datasheet HTML 38Page - STMicroelectronics ST25R3916 Datasheet HTML 39Page - STMicroelectronics ST25R3916 Datasheet HTML 40Page - STMicroelectronics ST25R3916 Datasheet HTML 41Page - STMicroelectronics ST25R3916 Datasheet HTML 42Page - STMicroelectronics ST25R3916 Datasheet HTML 43Page - STMicroelectronics ST25R3916 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 157 page
background image
Application information
ST25R3916/7
40/157
DS12484 Rev 4
typical application schematics with all regulators used. For regulators recommended
blocking capacitors are 2.2 μF in parallel with 10 nF, for pin AGDC 1 μF in parallel with 10 nF
is suggested.
Figure 11. ST25R3916/7 power supply system
Regulators have two basic operation modes depending on supply voltage, 3.3 V supply
mode (max. 3.6 V) and 5 V supply mode (max 5.5 V). The supply mode is set by writing bit
sup3V in theIO configuration register 2. Default setting is 5 V so this bit has to be set to 1
after power-up in case of 3.3 V supply.
In 3.3 V mode all regulators are set to the same regulated voltage in range from 2.4 to 3.4 V,
while in 5 V only the VDD_RF can be set in range from 3.6 to 5.1 V, while VDD_A and VDD_D
are fixed to 3.4 V.
Figure 11 also shows the signals controlling the power supply system. The regulators are
operating when signal en is high (en is configuration bit in Operation control register). When
signal en is low the ST25R3916/7 is in low power Power-down mode. In this mode
consumption of the power supply system is also minimized.
VDD_RF regulator
The purpose of this regulator is to improve the PSRR of the transmitter (the noise of the
transmitter power supply is emitted and fed back to the receiver). The VDD_RF regulator
operation is controlled and observed by writing and reading two regulator registers:
Regulator voltage control register controls the regulator mode and regulated voltage.
Bit reg_s controls regulator mode. If it is set to 0 (default state) the regulated voltage is
set using direct command Adjust regulators. When bit reg_s is asserted to 1 regulated
voltage is defined by bits rege_3 to rege_0 of the same register. The regulated voltage
adjustment range depends on the power supply mode. In case of 5 V supply mode the
adjustment range is between 3.6 and 5.1 V in steps of 120 mV, in case of 3.3 V supply
mode the adjustment range is from 2.4 to 3.6 V with 100 mV steps.
Regulator display register is a read only register that displays actual regulated voltage
when regulator is operating. It is especially useful in case of automatic mode, since the
MS52437V1
VDD_D
regulator
Power-down
support
sup3v
50Ω
VDD_A
regulator
VDD_RF
regulator
EN
BGR
and
AGD
Autoreg
AGDC
VDD_RF
VDD_D
VDD_A
reg<3:0>
VDD
Adjust
regulators
rege<3:0>
VDD_AM
regulator
VDD_TX
VDD_AM
VDD_DR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com