Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 60Page - STMicroelectronics ST25R3916 Datasheet HTML 61Page - STMicroelectronics ST25R3916 Datasheet HTML 62Page - STMicroelectronics ST25R3916 Datasheet HTML 63Page - STMicroelectronics ST25R3916 Datasheet HTML 64Page - STMicroelectronics ST25R3916 Datasheet HTML 65Page - STMicroelectronics ST25R3916 Datasheet HTML 66Page - STMicroelectronics ST25R3916 Datasheet HTML 67Page - STMicroelectronics ST25R3916 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 157 page
background image
Application information
ST25R3916/7
64/157
DS12484 Rev 4
4.4.8
Measure amplitude
This command measures the amplitude of the RF signal on the RFI inputs and stores the
result in the A/D converter output register.
This command enables the transmitter and amplitude detector. The transmitter drives the
antenna, and the amplitude detector converts the differential RF signal received back
between RFI1 and RFI2 into a proportional DC voltage. This DC voltage is converted with
the A/D converter in absolute conversion mode into an 8-bit value and stored in the A/D
converter output register.
The amplitude detector conversion gain is 0.6 VinPP / Vout referenced to the RF signal on a
single RFI pin. Thus, one LSB of the A/D converter output represents 13.02 mVPP on either
of the RFI inputs.
Note:
The maximum allowed voltage level on an RFI pin is 3 VPP. This results in 1.8 V output DC
voltage of the amplitude detector and produces a value of E6h after A/D conversion.
Duration time: 25 μs max.
4.4.9
Reset RX gain
This command initializes the AGC, Squelch and RSSI block and resets the gain reduction to
the value set in Receiver configuration register 4. Sending this command also stops any
ongoing squelch process.
4.4.10
Adjust regulators
When this command is sent, then the transmitter and receiver are enabled to ensure a high
current draw and the regulated voltage VDD_RF is set 250 mV below the power supply level
of VDD_TX. Before sending the adjust regulator command it is required to toggle the bit reg_s
by setting it first to 1 and then reset it to 0. After the adjustment is completed the state of the
transmitter and receiver prior to the command execution is restored (either enabled or
disabled).
Duration time: 5 ms max.
This command is not accepted if external definition of the regulated voltage is selected in
the Regulator voltage control register (bit reg_s is set to 1).
4.4.11
Measure phase
This command measures the phase difference between the signals on the RFO outputs and
the signals on the RFI inputs and stores the result in the A/D converter output register.
This command enables the transmitter and phase detector, and performs an A/D conversion
of the output of the phase detector with the A/D converter in relative mode. The phase
measurement results can be calculated using the following formulas:
0 ≤ Φ ≤ 17º: result = 255
17 < Φ < 163º: angle [º] = 17 + (1 -result / 255) * 146
163 ≥ Φ ≥ 180º: result = 0
Duration time: 25 μs max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com