Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 69Page - STMicroelectronics ST25R3916 Datasheet HTML 70Page - STMicroelectronics ST25R3916 Datasheet HTML 71Page - STMicroelectronics ST25R3916 Datasheet HTML 72Page - STMicroelectronics ST25R3916 Datasheet HTML 73Page - STMicroelectronics ST25R3916 Datasheet HTML 74Page - STMicroelectronics ST25R3916 Datasheet HTML 75Page - STMicroelectronics ST25R3916 Datasheet HTML 76Page - STMicroelectronics ST25R3916 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 157 page
background image
DS12484 Rev 4
73/157
ST25R3916/7
Application information
156
4.5.3
Operation control register
Address: 02h
Type: RW
Table 21. Operation control register(1)
Bit
Name
Default
Function
Comments
7en
0
1: Enables oscillator and regulator
(Ready mode)
-
6
rx_en
0
1: Enables Rx operation
-
5
rx_chn
0
0: Both, AM and PM, channels
enabled
1: One channel enabled
If only one Rx channel is enabled, selection is
done by the Receiver configuration register 1 bit
ch_sel.
4rx_man
0
0: Automatic channel selection
1: Manual channel selection
If both Rx channels are enabled, chooses the
method of channel selection, manual selection is
done by the Receiver configuration register 1 bit
ch_sel.
3
tx_en
0
1: Enables Tx operation
This bit is automatically set by NFC Field ON
commands and reset in NFC active
communication modes after transmission is
finished.
2
wu
0
1: Enables Wake-up mode
According to settings in Wake-up timer control
register.
1
en_fd_c1
0
00: External field detector off.
01: Manually enable external field
detector with collision avoidance
detection threshold.
10: Manually enable external field
detector with peer detection
threshold.
11: Enable external field detector
automatically.
11: External field detector with peer
detection/collision avoidance threshold activated
automatically (used for NFCIP-1 P2P modes).
en_fdc1:0>0 and other bits in this register are set
to 0 put device in a low power initial NFC mode.
0
en_fd_c0
0
1. Default setting takes place at power-up only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com