Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 111Page - STMicroelectronics ST25R3916 Datasheet HTML 112Page - STMicroelectronics ST25R3916 Datasheet HTML 113Page - STMicroelectronics ST25R3916 Datasheet HTML 114Page - STMicroelectronics ST25R3916 Datasheet HTML 115Page - STMicroelectronics ST25R3916 Datasheet HTML 116Page - STMicroelectronics ST25R3916 Datasheet HTML 117Page - STMicroelectronics ST25R3916 Datasheet HTML 118Page - STMicroelectronics ST25R3916 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 157 page
background image
DS12484 Rev 4
115/157
ST25R3916/7
Application information
156
4.5.53
Resistive AM modulation register
Register space: B
Address: 2Ah
Type: RW
Table 84. Resistive AM modulation register
Bit
Name
Default
Function
Comments
7
fa3_f
0
0: Use normal non-overlap
1: Use minimum non-overlap
-
6
md_res6
0
Refer to Table 85.
Resistive AM modulated state driver output resistance.
5
md_res5
0
4
md_res4
0
3
md_res3
0
2
md_res2
0
1
md_res1
0
0
md_res0
0
Table 85. Resistive AM modulated state driver output resistance
md_res<6:0>
Driver output resistance RRFO
(normalized)(1)
md_res<6:0>
Driver output resistance RRFO
(normalized)(1)
0
1.004
64
4.063
1
1.020
65
4.129
2
1.036
66
4.197
3
1.053
67
4.267
4
1.071
68
4.339
5
1.089
69
4.414
6
1.108
70
4.491
7
1.128
71
4.571
8
1.148
72
4.655
9
1.169
73
4.741
10
1.191
74
4.830
11
1.213
75
4.923
12
1.237
76
5.020
13
1.261
77
5.120
14
1.286
78
5.224
15
1.313
79
5.333
16
1.340
80
5.447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com