Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3B1 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST7293C3B1
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3B1 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST7293C3B1 Datasheet HTML 48Page - STMicroelectronics ST7293C3B1 Datasheet HTML 49Page - STMicroelectronics ST7293C3B1 Datasheet HTML 50Page - STMicroelectronics ST7293C3B1 Datasheet HTML 51Page - STMicroelectronics ST7293C3B1 Datasheet HTML 52Page - STMicroelectronics ST7293C3B1 Datasheet HTML 53Page - STMicroelectronics ST7293C3B1 Datasheet HTML 54Page - STMicroelectronics ST7293C3B1 Datasheet HTML 55Page - STMicroelectronics ST7293C3B1 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
52/69
ST72E94 - ST72T94
1.4 OPTION BYTE
An additional mode is used to configure the part
for programming of the EPROM. This is set by a
+12.5 voltage applied to the INT/V
PP.
The EPROM memory may be programmed by us-
ing the EPROM Programming Boards (EPB) avail-
able from SGS-THOMSON.
The ROM devices of the ST72 family can be con-
figured through mask options. In EPROM devices,
most mask options are replaced by EPROM bits
grouped in the Option Byte. The configuration of
the device is made by programming the Option
Byte.
The Option Byte is not in the user memory space.
The Option Byte is accessed only if the device is in
programming mode and location 0200h is ad-
dressed. The EPB provides all the functionality to
select and program the Option Byte.
b7 = WIW:
Watchdog in Wait.
1 : Watchdog suspended during Wait
0 : Watchdog active during Wait
b6 = WDMS:
Watchdog Enable Mode.
1 : Watchdog in Software Select Mode
0 : Watchdog in auto-enable Mode
b5 = PBIP:
Port B Input Pull-up.
1 : Pull-up enabled or Port B (when Input)
0 : No Pull-up on Port B
b4 = PCWS:
Port C Wake-up Select.
1 : Port C I/O functions enabled
0 : Port C Interrupt Wake-up Inputs enabled
b3 = PC1S:
PC1 Select.
1 : Timer OCMP1 connected to pin 17
0 : PC1 I/O function connected to pin 17
70
WIW
WDMS
PBIP
PCWS
PC1S
PC0S
PA0S
PAIP
b2 = PC0S:
PC0 Select.
1 : Timer ICAP connected to pin 18
0 : PC0 I/O function connected to pin 18
b1 = PA0S:
Port A Output Select.
1 : Port A Output is Push-pull
0 : Port A Output is Open-drain
b0 = PAIP:
Port A Input Pull-up.
1 : Pull-up enabled on Port A (when Input)
0 : No Pull-up on Port A
1.5 EPROM ERASURE (ST72E94 ONLY)
The ST72E94 is erased by exposure to high inten-
sity UV light through the transparent window. This
exposure discharges the floating gate to its initial
state through induced photo current.
It is recommended that the ST72E94 be kept out
of direct sunlight because the UV content of sun-
light can cause temporary functional failure. Ex-
tended exposure to room level fluorescent lighting
will also cause erasure. An opaque coating (paint,
tape, label, etc...) should be placed over the pack-
age window if the product is to be operated under
these lighting conditions. Covering the window
also reduces IDD in stop mode due to photo diode
currents.
An Ultraviolet source of wave length 2537 Å yield-
ing a total integrated dosage of 15 Watt-sec/cm is
required to erase the ST72E94. This device will be
erased in 15 to 20 minutes if an UV lamp with a
12mW/cm power rating is placed 1 inch from the
lamp without filters.
1.6 VOLTAGE RANGE
The ST72E94 and ST72T94 operate with a mini-
mum supply voltage of 3.0V when the ST7294 op-
erates from 2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com