Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3B1 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST7293C3B1
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3B1 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST7293C3B1 Datasheet HTML 54Page - STMicroelectronics ST7293C3B1 Datasheet HTML 55Page - STMicroelectronics ST7293C3B1 Datasheet HTML 56Page - STMicroelectronics ST7293C3B1 Datasheet HTML 57Page - STMicroelectronics ST7293C3B1 Datasheet HTML 58Page - STMicroelectronics ST7293C3B1 Datasheet HTML 59Page - STMicroelectronics ST7293C3B1 Datasheet HTML 60Page - STMicroelectronics ST7293C3B1 Datasheet HTML 61Page - STMicroelectronics ST7293C3B1 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 69 page
background image
58/69
ST72E94 - ST72T94
3 GENERAL INFORMATION
SGS-THOMSON offers ST7 devices in EPROM
and OTP as well as in the ROM version. This
range of product options provides the ST7 user
with maximum of flexibility for his application
needs.
The OTP rather than the ROM version of the ST7
is recommended when the customer’s quantity re-
quirement is relatively small on a given code - e.g.
less than 10 thousand pieces. But the OTP solu-
tion is also popular even for volumes when the
customer has a need for reduced leadtime, wheth-
er pre-production, an unforecasted increase in de-
mand, or a quick program change. And the OTP is
often preferred by those customers who have sev-
eral codes running concurrently since they need
purchase and stock only one vendor sales type.
However, it must be understood that the ROM and
OTP follow different production flows and that the
difference between these flows, in particular the
method by which final electrical test is performed,
may have an impact on the customer.
The basic production flow is as follows:
– Wafer diffusion
– Electrical test of dice (wafer sort)
– Assembly (encapsulation)
– Final electrical test
For ROM parts, the customer program is included
at a specific mask of the wafer. Therefore, all of
the product’s functionality is present in both the die
and the assembled product and this functionality
can be fully evaluated at both wafer sort and final
electrical test. SGS-THOMSON fully tests the
ROM version’s functionality at both wafer sort and
final test, thus ensuring conformance to the elec-
trical specification and a low reject rate.
But for OTPs there exists an additional feature
that must be tested: programmability.The program
memory of an OTP should be seen as a collection
of fuses that will be blown during programming.
These fuses can be ”recovered” by lightening the
die with UV light. This recovery is no longer possi-
ble once the OTP die has been encapsulated in an
opaque plastic package. The programmability and
data retention can only be fully tested at wafer
sort.
At this step the dice are electrically tested and the
memory is programmed to verify programmability.
Then the wafers are placed in high temperature
bake in order to provoke any possible memory re-
tention defects. They are then retested to check
data retention. After this test, UV light is used to
”recover” the fuses and the good dice are assem-
bled.
Although the programmability of the OTP dice is
verified as fully functional at probe test, the die en-
capsulation process has the potential to affect this
function in the finished product. It is therefore nec-
essary that in addition to electrical final test, a pro-
grammability test be made. However since UV
light cannot be used to erase an OTP’s pro-
grammed byte once the die has been encapsulat-
ed it is then impossible to write a test pattern and
thus to check 100% of the user program area. For
this reason the final test is limited to a reserved
number of bytes which are programmed and then
verified.
As the programmability of the OTP cannot be fully
tested once the die has been encapsulated, unlike
the ROM or EPROM versions, a customer should
find a programming reject rate below 1.0% and a
data retention reject rate below 0.5% when pro-
gramming is performed using qualified program-
ming tools. Apart from the programmability, the
OTP has the same reject as EPROM and ROM
versions.
In order to lower the reject levels for programma-
bility and data retention, SGS-THOMSON is con-
tinually pursuing technology improvements in are-
as such as soft die handling, low stress com-
pounds, and passivation layer enhancements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com