Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3B1 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST7293C3B1
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3B1 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST7293C3B1 Datasheet HTML 32Page - STMicroelectronics ST7293C3B1 Datasheet HTML 33Page - STMicroelectronics ST7293C3B1 Datasheet HTML 34Page - STMicroelectronics ST7293C3B1 Datasheet HTML 35Page - STMicroelectronics ST7293C3B1 Datasheet HTML 36Page - STMicroelectronics ST7293C3B1 Datasheet HTML 37Page - STMicroelectronics ST7293C3B1 Datasheet HTML 38Page - STMicroelectronics ST7293C3B1 Datasheet HTML 39Page - STMicroelectronics ST7293C3B1 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
36/69
ST7294
5.3 ST7 INSTRUCTION SET
The ST7 family devices use an Instruction Set consisting of 63 instructions. The instructions may be sub-
divided into 13 main groups as illustrated in the following table:
Load and Transfer
LD
CLR
Stack operation
PUSH
POP
RSP
Increment/Decrement
INC
DEC
Compare and Tests
CP
TNZ
BCP
Logical operations
AND
OR
XOR
CPL
NEG
Bit Operation
BSET
BRES
Conditionnal Bit Test and Branch
BTJT
BTJF
Arithmetic operations
ADC
ADD
SUB
SBC
MUL
Shift and Rotates
SLL
SRL
SRA
RLC
RRC
SWAP
SLA
Unconditionnal Jump or Call
JRA
JRT
JRF
JP
CALL
CALLR
NOP
RET
Conditionnal Branch
JRxx
Interruption management
TRAP
WFI
HALT
IRET
Code Condition Flag modification
SIM
RIM
SCF
RCF
Using a pre-byte
The instructions are described with one to four op-
codes.
In order to extend the number of available op-
codes for an 8-bit CPU (256 op-codes), three dif-
ferent prebyte opcodes are defined. These preb-
ytes modify the meaning of the instruction they
precede.
The whole instruction becomes:
PC-2
End of previous instruction
PC-1
Prebyte
PC
Op-code
PC+1
Additional word (0 to 2) according
to the number of bytes required to
compute the effective address
These prebytes enable instruction in Y as well as
indirect addressing modes to be implemented.
They precede the opcode of the instruction in X or
the instruction using direct addressing mode. The
prebytes are:
PDY 90
Replace an X based instruction
using immediate, direct, indexed
or inherent addressing mode by a
Y one.
PIX 92
Replace an instruction using di-
rect, direct bit, or direct relative
addressing mode to an instruction
using the corresponding indirect
addressing mode.
It also changes an instruction us-
ing X indexed addressing mode to
an instruction using indirect X in-
dexed addressing mode.
PIY 91
Replace an instruction using indi-
rect X indexed addressing mode
by a Y one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com