Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3B1 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST7293C3B1
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3B1 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST7293C3B1 Datasheet HTML 50Page - STMicroelectronics ST7293C3B1 Datasheet HTML 51Page - STMicroelectronics ST7293C3B1 Datasheet HTML 52Page - STMicroelectronics ST7293C3B1 Datasheet HTML 53Page - STMicroelectronics ST7293C3B1 Datasheet HTML 54Page - STMicroelectronics ST7293C3B1 Datasheet HTML 55Page - STMicroelectronics ST7293C3B1 Datasheet HTML 56Page - STMicroelectronics ST7293C3B1 Datasheet HTML 57Page - STMicroelectronics ST7293C3B1 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 69 page
background image
54/69
ST72E94 - ST72T94
2.2 POWER CONSIDERATIONS
TJ, the average chip-junction temperature in Celsi-
us can be calculated from the following equation:
TJ =TA +(PD x θJA) (1)
Where:
–TA is the Ambient Temperature in °C,
–
θJ
A is the Package Thermal Resistance,
Junction-to-Ambient in
°C/W,
–PD the sum of PINT and PI/O,
–PINT equals ICC time VCC,
Watts-Chip Internal Power
–PI/O the Power Dissipation on Input and Output
Pins, User Determined.
For most applications PI/O <PINT and can be ne-
glected.
PI/O may be significant if the device is configured
to drive Darlington bases or sink LED Loads.
An approximate relationship between PD and TJ
(if PI/O is neglected) is:
PD =K÷ (TJ + 273°C)
(2)
Therefore:
K= PD x(TA + 273°C) + θJA xPD
2 (3)
Where K is constant pertaining to the particular
part, K can be determined from equation (3) by
measuring PD (at equilibrium) for a known TA. Us-
ing this value of K, the values of PD and TJ can be
obtained by solving equations (1) and (2) iterative-
ly for any value of TA.
Thermal Characteristics
Symbol
Characteristics
Value
Unit
θJA
Thermal Resistance
PDIP28
PSO28
55
75
°C/W
Equivalent Test Load
VDD =3V
Pins
R1
R2
C
PA0-PA7
PB0-PB7
PC0-PC5
10.91k
Ω
6.32k
Ω
50pF
VDD = 4.5V
Pins
R1
R2
C
PA0-PA7
PB0-PB7
PC0-PC5
3.26k
Ω
2.38k
Ω
50pF
Test Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com