Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3B1 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST7293C3B1
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3B1 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST7293C3B1 Datasheet HTML 37Page - STMicroelectronics ST7293C3B1 Datasheet HTML 38Page - STMicroelectronics ST7293C3B1 Datasheet HTML 39Page - STMicroelectronics ST7293C3B1 Datasheet HTML 40Page - STMicroelectronics ST7293C3B1 Datasheet HTML 41Page - STMicroelectronics ST7293C3B1 Datasheet HTML 42Page - STMicroelectronics ST7293C3B1 Datasheet HTML 43Page - STMicroelectronics ST7293C3B1 Datasheet HTML 44Page - STMicroelectronics ST7293C3B1 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
41/69
ST7294
6.3 DC ELECTRICAL CHARACTERISTICS (T
A = -40°C to +85°C unless otherwise specified)
Note 1. When option is chosen
Symbol
Test Conditi ons
Min.
Typ.
Max.
Unit
VOL
VOH
Output Voltage, Iload = 10.0
µA
VDD-0.1
0.1
V
VOH
Output High Voltage
I LOAD =0.8mA, PA0-PA7,PB0-PB7,PC0-PC5
VDD-0.8
V
VOL
Output Low Voltage
I LOAD =1.6 mA, PA0-PA7,PB0-PB7,PC0-PC5,RESET
0.4
V
VIH
Input High Voltage
PA0-PA7,PB0-PB7,PC0-PC5, INT, RESET
0.7xVDD
VDD
V
VIL
Input Low Voltage
PA0-PA7,PB0-PB7,PC0-PC5, INT, RESET
VSS
0.2xVDD
V
VRM
Data Retention Mode (0 to 70
°C)
2
V
IIL
I/O Ports Hi-Z Leakage Current
PA0-PA7,PB0-PB7, PC0-PC5
± 10
µA
IIN
Input Current : RESET, INT, ICAP
± 1
µA
COUT
Capacitance : Ports (as Input or Output)
12
pF
CIN
RESET, INT, ICAP
8pF
RPU
PORT A, B, C (1),VDD = 3.5v, VIN = 0V
125
250
500
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com