Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3B1 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST7293C3B1
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3B1 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST7293C3B1 Datasheet HTML 38Page - STMicroelectronics ST7293C3B1 Datasheet HTML 39Page - STMicroelectronics ST7293C3B1 Datasheet HTML 40Page - STMicroelectronics ST7293C3B1 Datasheet HTML 41Page - STMicroelectronics ST7293C3B1 Datasheet HTML 42Page - STMicroelectronics ST7293C3B1 Datasheet HTML 43Page - STMicroelectronics ST7293C3B1 Datasheet HTML 44Page - STMicroelectronics ST7293C3B1 Datasheet HTML 45Page - STMicroelectronics ST7293C3B1 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
42/69
ST7294
6.4 AC ELECTRICAL CHARACTERISTICS (T
A = -40°C to +85°C unless otherwise specified)
Notes:
1. RUN (Operating) IDD and WAIT IDD measured using external square wave clock; all inputs 0.2V from rail; no DC load; less than 50pF on all
outputs; CI = 20pF on OSCout.
2. WAIT, HALT: all I/Os configured as inputs; VIL = 0.2V, VIH =VDD -0.2V.
3. HALT, OSCin = VSS.
6.5 CONTROL TIMING (T
A = -40°C to +85°C unless otherwise specified)
Note 1. The minimum period tILIL should not be less than the number of cycle times it takes to execute the interrupt service routine plus 21
cycles.
Symbol
Parameter
Test Conditio ns
Value
Unit
Min.
Typ.
Max.
VDD
Operating Supply Voltage
RUN Mode
HALT Mode
EEPROM Write
EEPROM Read
2.5
2.0
3.0
2.5
5.5
V
IDD
Supply Current (1) (2) (3)
RUN Mode
VDD=5V,fOSC=4MHz
VDD=2.5V,fOSC=1MHz
VDD=3.5V,fOSC=455KHz
WAIT Mode
VDD=5V,fOSC=4MHz
VDD=2.5V,fOSC=1MHz
VDD=3.5V,fOSC=455KHz
HALT MODE
VDD=5V,TA=70°C
1.8
0.9
1
2.5
0.4
0.7
1.5
200
500
10
mA
mA
mA
mA
mA
mA
µA
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
fOSC
Frequency of Operation
VDD=5V
VDD=3.0V
VDD=2.5V
DC
DC
DC
4
2
1
MHz
tILCH
HALT Mode Recovery
Startup Time
Crystal Oscillator
50
ms
tRL
External RESET Input
Pulse Width
1.5
tCYC
tPORL
Power RESET Output
4096
tCYC
tDOGL
Watchdog RESET
Output Pulse Width
1.5
t
DOG
Watchdog Time-out
6144
7168
tCYC
tILIH
Interrupt Pulse Width
INT
PORTC
125
125
ns
tILIL
Interrupt Pulse Period
(1)
tCYC
tOXOV
Crystal Oscillator
Startup Time
50
ms
t
DDR
Supply Rise Time
10% to 90%
0.01
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com