Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4100APD Datasheet(PDF) 7 Page - Sames

Part # PM4100APD
Description  Energy Meter Evaluation Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM4100APD Datasheet(HTML) 7 Page - Sames

Back Button PM4100APD Datasheet HTML 3Page - Sames PM4100APD Datasheet HTML 4Page - Sames PM4100APD Datasheet HTML 5Page - Sames PM4100APD Datasheet HTML 6Page - Sames PM4100APD Datasheet HTML 7Page - Sames PM4100APD Datasheet HTML 8Page - Sames PM4100APD Datasheet HTML 9Page - Sames PM4100APD Datasheet HTML 10Page - Sames PM4100APD Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
sames
sames
PM4100APD
http://www.sames.co.za
Figure 9: Jumper positions
Module Calibration
The output frequency can be adjusted and calibrated by means
of the variable resistor P1 connected in the voltage divider as
shown in figure 2.
PCB Design Considerations
There are numerous PCB design aspects to consider when
designing a power/energy meter, but only a few crucial aspects
will be discussed here.
The sense resistors on the current input, R2 and R3 must be
located as close to the SAMES device input pins as possible.
This also holds true for the 1MW resistor (R8), and the biasing
resistor R4. Also note that the supply bypass capacitors C2, C3
and C4 (insert C5 and C6 for the SA2002P) must be positioned
as close as possible to the supply pins of the device, and
connected to a solid ground plane.
It is advisable to keep the ground plane surrounding the device
clear of noise that may influence the sensing signals.
The module is protected from high transients on the main
voltage input by means of a Metal Oxide Varistor. These MOVs
will clamp any high transients with a sufficiently long rise time to
neutral, hence protecting the PCB. When designing a meter, a
MOV of type S20 should be used, as the S10 type titled here will
not withstand high surge tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com