Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4100APD Datasheet(PDF) 2 Page - Sames

Part # PM4100APD
Description  Energy Meter Evaluation Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM4100APD Datasheet(HTML) 2 Page - Sames

  PM4100APD Datasheet HTML 1Page - Sames PM4100APD Datasheet HTML 2Page - Sames PM4100APD Datasheet HTML 3Page - Sames PM4100APD Datasheet HTML 4Page - Sames PM4100APD Datasheet HTML 5Page - Sames PM4100APD Datasheet HTML 6Page - Sames PM4100APD Datasheet HTML 7Page - Sames PM4100APD Datasheet HTML 8Page - Sames PM4100APD Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ANALOG INPUT
The most important external components for any SAMES
integrated circuit are the current and voltage sense resistors, as
well as the bias setting resistors. These resistors must be of the
same type as specified in the parts list to ensure that
temperature effects and noise susceptibility is minimized.
VOLTAGE INPUT IVP
The voltage input is driven with a current of 14µARMS (11µARMS
to SA4102A) at the nominal rated mains voltage. Please note
that this input will saturate with currents bigger than
approximately 17µARMS, which translates into a 20% overdrive
capability. This also ensures that the device will not saturate
with a 10% variance in mains voltage. The main voltage is
divided down via a resistor network (see Figure 2) to 14VRMS.
This voltage is fed to a 1MW resistor (R8) to realize the
14µARMS.
The resistor values are chosen in such a way that shorting
jumper J2 leads to half the voltage on the voltage divider output.
This feature makes the module compatible for both 220V and
110V supply networks.
Ignoring jumper J2 results in the following equations:
RA = R5 + R6 + R7 + R10
RB = R8 || (R9 + 0.5P1)
sames
sames
PM4100APD
2/14
http://www.sames.co.za
The center position of P1 is used in the equation to ensure that
calibration can be done by adjusting P1 to be higher or lower.
Combining the two equations gives:
(RA + RB)/220V = RB/14V
Values for resistors R9 = 12kW, P1 = 20kW and R8 = 1MW is
chosen.
Substituting the values result in:
RB = 26.29kW
RA = RB x (220V/14V-1)
RA = 386.84kW
Choosing standard resistor values for R5, R6, R7, R10 and
keeping in mind that J2 must half the output voltage leads to the
following values:
R5 = R7 = 82kW
R6 = R10 = 100kW.
Figure 2: Voltage divider circuit
RA
R5
R6
R7
R10
R8
R9
RB
P1
J2
NEUTRAL
LIVE IN
J26
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com