Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4100APD Datasheet(PDF) 1 Page - Sames

Part # PM4100APD
Description  Energy Meter Evaluation Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM4100APD Datasheet(HTML) 1 Page - Sames

  PM4100APD Datasheet HTML 1Page - Sames PM4100APD Datasheet HTML 2Page - Sames PM4100APD Datasheet HTML 3Page - Sames PM4100APD Datasheet HTML 4Page - Sames PM4100APD Datasheet HTML 5Page - Sames PM4100APD Datasheet HTML 6Page - Sames PM4100APD Datasheet HTML 7Page - Sames PM4100APD Datasheet HTML 8Page - Sames PM4100APD Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FEATURES
+ Compatible with SA4102A / SA2002E / SA2002H /
SA2002P / SA2002D / SA2102D. All devices are PDIP20,
except for the SA2002P which is PDIP16.
+ Connection of external sensing elements, mains and
power supply by means of screw terminals.
+ Operation from either single +5V supply or dual rail supply
(20mA).
+ Direction and pulse output indication by means of on-board
LEDs.
sames
sames
PM4100APD Application Note:
Energy Meter Evaluation Module
PM4100APD
1/14
SPEC-1042 (REV. 3)
15-10-03
Figure 1: Functional Diagram
+ Current sensing via shunt or CT (on-board termination
resistor).
+ Counter and stepper counter connections by means of
screw terminals.
+ On-board precision calibration either by analog trimpot or
digital Eeprom.
+ Direct connection to micro-controller.
+ Optically isolated output for connection to test equipment.
+ Easy accessible test pins
INTRODUCTION
The PM4100AD evaluation module is designed to demonstrate
the functionality of the following devices SA4102A, SA2002E,
SA2002H, SA2002P, SA2002D and SA2102D. The module is
easily configured and setup for the various devices by means of
on-board jumpers. The setup of the module is simplified with the
help of the accompanying software that illustrates the jumper
positions for each device.
The measured energy is displayed on an on-board LED
(PULSE), while a stepper motor counter or impulse counter can
be connected to the screw terminals provided. A second LED
(DIR) is used to indicate the energy direction.
This application note should be used in conjunction with each
device's specific datasheet for the individual device
specifications and characteristics.
DEVICE
4N35
GND
IIN
IIP
STEPPER
COUNTER
PULSE
MICRO
PROGRAMER
LIVE
NEUTRAL
VDD
GND
VSS
DIR
PULSE


Similar Part No. - PM4100APD

ManufacturerPart #DatasheetDescription
logo
Sames
PM4104APDA SAMES-PM4104APDA Datasheet
407Kb / 14P
Evaluation Module for SA4104A and SA4104B
PM4106APDA SAMES-PM4106APDA Datasheet
412Kb / 14P
Evaluation Module for SA4106A
More results

Similar Description - PM4100APD

ManufacturerPart #DatasheetDescription
logo
Sames
PM2002DP SAMES-PM2002DP Datasheet
823Kb / 10P
Energy Meter Evaluation Module
PM9607AP SAMES-PM9607AP Datasheet
366Kb / 16P
Energy Meter Evaluation Module
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
Energy Management Energy Meter
logo
Maxim Integrated Produc...
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
Energy Meter ICs
Rev 2; 11/11
logo
Sames
PM2007HPE SAMES-PM2007HPE Datasheet
134Kb / 8P
Energy Meter Evaluation Module with Pulse
PM2007MPPE SAMES-PM2007MPPE Datasheet
374Kb / 16P
Energy Meter Evaluation Module
PM2102DPD SAMES-PM2102DPD Datasheet
166Kb / 16P
Energy Meter Evaluation Module
logo
SELEC Controls Pvt. Ltd
EM306A SELEC-EM306A Datasheet
406Kb / 1P
Energy Meter
EM368 SELEC-EM368 Datasheet
554Kb / 2P
Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
Energy Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com