Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4100APD Datasheet(PDF) 9 Page - Sames

Part # PM4100APD
Description  Energy Meter Evaluation Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM4100APD Datasheet(HTML) 9 Page - Sames

Back Button PM4100APD Datasheet HTML 5Page - Sames PM4100APD Datasheet HTML 6Page - Sames PM4100APD Datasheet HTML 7Page - Sames PM4100APD Datasheet HTML 8Page - Sames PM4100APD Datasheet HTML 9Page - Sames PM4100APD Datasheet HTML 10Page - Sames PM4100APD Datasheet HTML 11Page - Sames PM4100APD Datasheet HTML 12Page - Sames PM4100APD Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
sames
sames
PM4100APD
15/16
http://www.sames.co.za
9/14
http://www.sames.co.za
EVALUATION BOARD COMPONENT LIST (Continued)
Part Type
LED
LED
20k
CT ONLY
100k
4k7
1k6
680R
680R
1k
1k
RES (To be calculated)
RES (To be calculated)
RES 24k
Standard.
47k
for SA2102D /
SA4102 A
82k
100k
82k
1M
12k
PB
MAINS
VDD
VSS
GND
14V
DEVICE
24C01A
4N35
MOV
INLINE PINS
INLINE PINS
INLINE PINS
W
W
Designator
J7
J8
J9
L1
L2
P1
R1
R10
R11
R12
R13
R14
R15
R16
R2
R3
R4
R5
R6
R7
R8
R9
S1
SK1
TP1
TP2
TP3
TP4
U1
U2
U2
U3
U3
Z1
Description
3 Single Inline Pins
3 Single Inline Pins
3 Single Inline Pins
3mm, GREEN
3mm, RED
Multiturn, Top Adjust
1/4 WATT, 1% METAL FILM RESISTOR. See CT Datasheet
1/4 WATT, 1% METAL FILM RESISTOR
1/4 WATT, 1% METAL FILM RESISTOR
1/4 WATT, 1% METAL FILM RESISTOR
1/4 WATT, 1% METAL FILM RESISTOR
1/4 WATT, 1% METAL FILM RESISTOR
0805 SMD 1%
0805 SMD 1%
1/4 WATT, 1% METAL FILM RESISTOR. See page 3
1/4 WATT, 1% METAL FILM RESISTOR. See page 3
1/4 WATT, 1% METAL FILM RESISTOR
(As default this position is left open, fit Resistor according to
device used)
1/4 WATT, 1% METAL FILM RESISTOR
1/4 WATT, 1% METAL FILM RESISTOR
1/4 WATT, 1% METAL FILM RESISTOR
1/4 WATT, 1% METAL FILM RESISTOR
1/4 WATT, 1% METAL FILM RESISTOR
Miniature Pushbutton, Push to make
5.08 PITCH, 3-WAY SCREW TERMINAL
Testpin
Testpin
Testpin
Testpin
20 PIN DIL, Tulip Type Socket
8 PIN DIL, Tulip Type Socket
1k 128x8 CMOS EEPROM - MICROCHIP
6 PIN DIL, Tulip Type Socket
4N35, 6 PIN DIP
S10/K320; Use type S20 when designing a meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com