Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4100APD Datasheet(PDF) 3 Page - Sames

Part # PM4100APD
Description  Energy Meter Evaluation Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM4100APD Datasheet(HTML) 3 Page - Sames

  PM4100APD Datasheet HTML 1Page - Sames PM4100APD Datasheet HTML 2Page - Sames PM4100APD Datasheet HTML 3Page - Sames PM4100APD Datasheet HTML 4Page - Sames PM4100APD Datasheet HTML 5Page - Sames PM4100APD Datasheet HTML 6Page - Sames PM4100APD Datasheet HTML 7Page - Sames PM4100APD Datasheet HTML 8Page - Sames PM4100APD Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
sames
sames
PM4100APD
http://www.sames.co.za
CURRENT SENSE INPUT
Resistors R2 and R3 (figure 3 and figure 4) define the current
level into the current sense inputs of the device. The
PM4100APD module can be configured to use any type of
shunt or CT, but to ensure proper current sensing it is advisable
to use a shunt or CT that will give a voltage drop of at least 20mV
at maximum supply current. The resistor values are calculated
for an input of 16µARMS on the current sense inputs at rated
conditions. The design equation is as follows:
R2 = R3 = (I / 16µA) x RSH / 2
SHUNT Sensing
L
IL= Line current
RSH = Shunt value
Figure 4: Current sensing using a CT
Figure 3: Current sensing using a shunt
R2
R3
R1
J1
CT
GND
1
2
3
CON2
CURRENT
IIN
IIP
R2
R3
GND
1
2
3
CON2
CURRENT
IIN
IIP
SENSING METHOD (CT OR SHUNT)
Provision is made for the use of either a Current Transformer
(CT) or a Shunt on the application module. For use with a CT,
the terminating resistor (R1) and phase compensation
capacitor (C1), as well as jumper (J1) must be inserted. The
jumper references one side of the CT to ground for sensing.
When using a CT the current sensing resistors (R2 and R3)
must be inserted according to the equation stated below.
R2 = R3 = (I /2500/16µA) x R1/2
CT Sensing
L
IL= Line current
1:2500 = CT ratio
The capacitor C1 is inserted to compensate for the phase shift
caused by the current transformer. The following equation
shows how to calculate the capacitor value for a phase shift of
0.18 degrees.
C = 1 / (2 x p x Mains frequency x R8 x tan(Phase shift angle))
C = 1 / (2 x p x 50 x 1M x tan(0.18 degrees))
C = 1.013µF
CTs with a low phase is recommended.
REFERENCE VOLTAGE
The on chip reference current is determined from a biasing
resistor R4 connected between pin 3 of the device and VSS.
This is 47kW for the SA2102D and SA4102A, and 24kW for the
rest of the devices compatible with this module.
ANALOG GROUND (GND)
The GND pin of the device is connected to the analog ground
plane, which is halfway between VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com