Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4100APD Datasheet(PDF) 4 Page - Sames

Part # PM4100APD
Description  Energy Meter Evaluation Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM4100APD Datasheet(HTML) 4 Page - Sames

  PM4100APD Datasheet HTML 1Page - Sames PM4100APD Datasheet HTML 2Page - Sames PM4100APD Datasheet HTML 3Page - Sames PM4100APD Datasheet HTML 4Page - Sames PM4100APD Datasheet HTML 5Page - Sames PM4100APD Datasheet HTML 6Page - Sames PM4100APD Datasheet HTML 7Page - Sames PM4100APD Datasheet HTML 8Page - Sames PM4100APD Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
sames
sames
PM4100APD
4/14
http://www.sames.co.za
SETUP OF THE PM4100APD AS AN
ENERGY/POWER EVALUATION BOARD
The PM4100APD evaluation module comes with several
jumper selections, which allows the user to setup the module to
work for any of the devices mentioned. Tables 2 to 8 describe
the various jumper options. These tables should be used in
conjunction with figure 9, as well as the accompanying software
on disk (PM4100.exe) which will make it easier to locate the
jumper in question.
External connectors
The PM4100APD module connects directly to live and neutral
by means of a screw terminal (SCK1), and the current sensing
element is connected to CON2 as is shown in figures 5 and 6.
Connection diagram for CON3 and CON6 is shown in figures 7
and 8.
Programming the SA2002P must be done via an external
programmer/opto-isolator that connects to CON 3. There is
such a module available on request from SAMES, or a module
can be build as per information supplied in Figure 7.
Table 1 lists all the connectors available on the module.
Table 1: External connector descriptions
Figure 5: Current connection diagram for CT
Figure 6: Current connection diagram for Shunt
Figure 7: SA2002P Programming Connector
Figure 8: Micro Controller Connector
1
2
3
CON2
CURRENT
CT
LIVE IN
LIVE OUT
1
2
3
CON2
CURRENT
LIVE IN
LIVE OUT
Shunt
Shunt
CON3
PROGRAM
CON6
MICRO
Jumper Selection
The jumpers listed in table 2 is device independent and must
be setup according to the users needs.
Name
SK1
CON1
CON2
CON3
CON4
CON5
CON6
CON7
Description
Mains Connection
Power Supply
Sensing element connector
Programmer (SA2002P)
Stepper Motor Counter
Impulse Counter
Micro Controller
Opto-isolated Output Pulses
Table 2: Device independent jumpers
Name
Option
This jumper must be inserted when measurement
is done using a CT, and left open when using a
shunt.
This jumper must be inserted when working from
a 110V supply system, and left open when a
220V supply is used.
J1
J2
This jumper must be closed for regular use
Insert this jumper when using a shunt, and leave
open when using a CT.
J24
J26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com