Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2016WR47M Datasheet(PDF) 30 Page - Toshiba Semiconductor

Part # MLP2016WR47M
Description  System Power IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MLP2016WR47M Datasheet(HTML) 30 Page - Toshiba Semiconductor

Back Button MLP2016WR47M Datasheet HTML 26Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 27Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 28Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 29Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 30Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 31Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 32Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 33Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 34Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
TC7738WBG
2016-11-17
30
8.5.
I
2C interface
TC7738WBG sets each function setting using the I
2
C interface.
As shown in the following, pull up SCL pin and SDA pin at external of IC, and connect to an input device.
Figure 8-9
I
2C bus connection
The Interface of this product supports the following modes compliant with I
2C standard: Slave mode, Fast mode (400
kHz), and High speed mode (3.4 MHz), and they can perform the single write operation, continuous write operation,
single read operation, and continuous read operation. The slave address of TC7738WBG is fixed to 0b1001101.
Table 8.37
I
2C interface description
Symbol
Description
S
Start condition
Sr
Repetitive start condition
Slave Address
Slave address (7 bit):0b1001101
R
Read mode (R/W=1)
W
Write mode (R/W=0)
A
Acknowledge signal (L level output)
NA
Non acknowledge signal (HiZ output)
P
Stop condition
Figure 8-10
Single write mode
Figure 8-11
Continuous write mode
SCL
SDA
SDA
SCL
Controller
TC7738WBG
VOUT
2.2 kΩ
2.2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com