Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2016WR47M Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # MLP2016WR47M
Description  System Power IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MLP2016WR47M Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button MLP2016WR47M Datasheet HTML 29Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 30Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 31Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 32Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 33Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 34Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 35Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 36Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
TC7738WBG
2016-11-17
33
11. Electric characteristic
11.1.
Common characteristic (Unless otherwise specified, Ta = 25°C, VIN = 3.3 V)
Item
Symbol
Note
Min
Typ.
Max
Unit
< UVLO, OVP_1 of VIN =3.3 V setting>
Power supply voltage
(Note 1)
Vin33
MODE_SEL =“L” (VIN = 3.3 V setting)
2.9
3.3
3.6
V
Current consumption
Iin33_1
High power mode, ALL CH:ON/ No load
―
370
520
μA
Iin33_2
SLEEP MODE, ALL CH: OFF
―
85
105
μA
Iin33_3
SLEEP MODE, CH5:ACTIVE, other CH:OFF
―
100
125
μA
OVP_1 detection voltage
Vovp-on33
Rising
3.8
3.9
4.0
V
OVP_1 hysteresis voltage
Vovp1-on33hisy
―
―
100
―
mV
< UVLO, OVP_1 of VIN = 5.0 V setting>
Power supply voltage
(Note 1)
Vin50
MODE_SEL = Open (VIN = 5.0 V setting)
4.0
5.0
5.5
V
Current consumption
Iin50_1
High power mode, ALL CH:ON/ No load
―
465
650
μA
Iin50_2
SLEEP MODE, ALL CH: OFF
―
100
125
μA
Iin50_3
SLEEP MODE, CH5:ACTIVE, other CH:OFF
―
120
150
μA
OVP_1 detection voltage
Viovp-on50
Rising
5.6
5.8
6.0
V
OVP_1 hysteresis voltage
Vovp1-on50hisy
―
―
100
―
mV
< PROTECTION-SW >
UVLO detection voltage
Vuvlop
Falling/Rising
―
1.9
―
V
OCL_1 operation current
Iocl-on
―
4.5
―
―
A
Protection switch ON
resistance
Ron_pro
―
―
20
―
m
Ω
Current limitaion at soft start
Iss_pro
―
100
130
200
mA
< Input pin (MODE_SEL and VSEL0 pin) >
“H” level input voltage
VIH33
VSEL0, VIN = 3.3 V
1.2
―
―
V
VIH50
VSEL0, VIN = 5.0 V
1.5
―
―
“L” level input voltage
VIL
MODE_SEL, VSEL0
―
―
0.4
V
“H” level input current
IIH-vsel0
VSEL0, pin voltage = 3.3 V
―
1.65
2.0
μA
“L” level input current
IIL-vsel0
VSEL0, pin voltage = 0 V
-1.0
―
―
μA
IIL-mode_sel
MODE_SEL, pin voltage = 0 V
―
1.3
1.6
< RESETn >
RESETn detection voltage
Vpor33-on
MODE_SEL =“L”(VIN = 3.3 V setting) ,Falling
2.673
2.700
2.727
V
Vpor50-on
MODE_SEL = “Open“(VIN = 5.0 V setting), Falling
3.663
3.700
3.737
RESETn hysteresis voltage
Vpor-hys
―
―
100
―
mV
RESETn “L” to “H”
Delay time
Tpor-on0
VSEL0 = “L”
9
10
11
ms
Tpor-on1
VSEL0 = “H”
5
6
7
RESETn pin (“L”) voltage
Vporn
In the case of RESETn= “L”, Sink current = 4 mA
―
―
0.4
V
<Thermal shutdown (TSD)>
Overheat protection
operation temperature
Ttsd-on
―
―
140
―
°C
Overheat protection
hysteresis
Ttsd-hys
―
―
20
―
°C
Note 1: It is a power supply voltage range required in order to operate this IC stably. Booting starts with VIN =2.6 V (MAX) in
the case of MODE_SEL =“L”, and with VIN = 3.4 V (MAX) in the case of MODE_SEL =“Open”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com