Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2016WR47M Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # MLP2016WR47M
Description  System Power IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MLP2016WR47M Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button MLP2016WR47M Datasheet HTML 17Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 18Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 19Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 20Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 21Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 22Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 23Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 24Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
TC7738WBG
2016-11-17
21
8.4.6.
DC-DC5 output voltage setting (Address 04h)
This is the register to set DC-DC5 output voltage.
Table 8.17
DC-DC5_VSET_REG (04h)
Bit
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
Reserved
DC-DC5_VSET[3:0]
Default
0
0
0
0
0
1
1
1
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Table 8.18
DC-DC5 output voltage setting
Setting
CH
5
VSEL0
L
H
MODE_SEL
X
DC-DC5_VSET[3:0]
0000
0.825 V
0.725 V
0001
0.850 V
0.750 V
0010
0.875 V
0.775 V
0011
0.900 V
0.800 V
0100
0.925 V
0.825 V
0101
0.950 V
0.850 V
0110
0.975 V
0.875 V
0111(Note1)
1.000 V
0.900 V
1000
1.025 V
0.925 V
1001
1.050 V
0.950 V
1010
1.075 V
0.975 V
1011
1.100 V
1.000 V
1100
1.125 V
1.025 V
1101
1.150 V
1.050 V
1110
1.175 V
1.075 V
1111
1.200 V
1.100 V
Note1: Default output voltage according to VSEL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com