Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2016WR47M Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # MLP2016WR47M
Description  System Power IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MLP2016WR47M Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button MLP2016WR47M Datasheet HTML 35Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 36Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 37Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 38Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 39Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 40Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 41Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 42Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
TC7738WBG
2016-11-17
39
11.7.
CH6 characteristic (Unless otherwise specified, Ta = 25°C, VIN = 3.3 V)
Item
Symbol
Note
Min
Typ.
Max
Unit
< DC-DC6 (3.5 A MAX) >
Current consumption (1)
IpVIN1_ch6
High power mode, output stage OFF
―
30
―
μA
Current consumption (2)
IpVIN2_ch6
Low power mode, output stage OFF
―
20
―
μA
Output voltage variable range
Vrng0_ch6
VSEL0 = “L”, I
2
C control, PWM mode
0.825
―
1.200
V
Vrng1_ch6
VSEL0 = “H”, I
2
C control, PWM mode
0.725
―
1.100
Output voltage initial value
Vdef0_ch6
VSEL0 = “L”, PWM mode
0.98
1.00
1.02
V
Vdef1_ch6
VSEL0 = “H”, PWM mode
0.88
0.90
0.92
Output
voltage
variable
step
voltage
Vstep_ch6
PWM mode
―
25
―
mV
Line regulation
Regli_ch6
PWM mode
―
0.5
―
%/V
Load regulation
Reglo_ch6
PWM mode
―
0.5
―
%/A
High side ON resistance
Ronh_ch6
V(PVIN6) = 5.0 V
―
50
―
m
Ω
Low side ON resistance
Ronl_ch6
V(PVIN6) = 5.0 V
―
25
―
m
Ω
OCL_2 operation current
Iocp_ch6
―
4.5
―
―
A
Switching frequency
Fsw_ch6
―
2.7
3.0
3.3
MHz
Output OVP_2 operation
threshold
Vovp_ch6
―
115
125
135
%
Output UVP operation threshold
Vuvp_ch6
―
55
60
65
%
Soft start time
Tss_ch6
―
―
0.5
0.8
ms
Electric discharge resistance
Rdis_ch6
―
―
150
―
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com