Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2016WR47M Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # MLP2016WR47M
Description  System Power IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MLP2016WR47M Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button MLP2016WR47M Datasheet HTML 28Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 29Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 30Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 31Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 32Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 33Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 34Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 35Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
TC7738WBG
2016-11-17
32
9. Absolute maximum ratings (Unless otherwise specified, Ta=25°C)
Table 9.1
Absolute maximum ratings
Item
Symbol
Rating
Unit
Power supply voltage
VIN
7.0
V
Each pin maximum applied voltage
ViMAX
6.0
V
Each pin minimum applied voltage
ViMIN
GND - 0.3
V
Power dissipation (Note1)
PD
2715
mW
Saturation heat resistance
Rth (j-a)
46.3
°C/W
Ambient temperature in operation
Topr
-40 to 85
°C
Storage temperature
Tstg
-55 to 150
°C
Junction temperature
Tj
150
°C
Note1: Board condition: JEDEC 4 layers 76.2 mm × 114.3 mm × 1.6 mm
10. Power dissipation
Figure 10-1
Temperature reduction curve of power consumption
2715
25
150
Ta [°C]
0
Power consumption [mW]
1412
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com