Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2016WR47M Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # MLP2016WR47M
Description  System Power IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MLP2016WR47M Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button MLP2016WR47M Datasheet HTML 9Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 10Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 11Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 12Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 13Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 14Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 15Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 16Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
TC7738WBG
2016-11-17
13
8.3.3.
Default output voltage setting
Default voltage of each channel at startup can be set by VSEL0 and MODE_SEL pin input.
Table 8.6
Default output voltage
VSEL0
(Note1)
L
H
MODE_SEL
(Note1)
L
(3.3 V mode)
Open
(5.0 V mode)
L
(3.3 V mode)
Open
(5.0 V mode)
CH1
FB1=GND:BYPASS MODE
DC-DC1 = 2. 5V
(Note2)
FB1=GND:BYPASS MODE
DC-DC1 = 2.5 V
(Note2)
FB1=Vout1:DC-DC1 = 2.5 V
FB1=Vout1:DC-DC1 = 2.5 V
CH2
DC-DC2= 1.35 V
DC-DC2 = 1.2 V
CH3
DC-DC3 = 1.8 V
DC-DC3 = 1.8 V
CH4
DC-DC4 = 1.0 V
DC-DC4 = 1.8 V
CH5
DC-DC5 = 1.0 V
DC-DC5 = 0.9 V
CH6
DC-DC6 = 1.0 V
DC-DC6 = 0.9 V
LDO1
LDO1 = 2.5 V
LDO1 = 1.8 V
LDO2
BYPASS MODE
LDO2 = 3.3 V
BYPASS MODE
LDO2 = 3.3 V
Note1: VSEL0 and MODE_SEL input should not change settings during operation.
Note2: When MODE_SEL=Open, the setting should not be BYPASS MODE setting (FB1=GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com