Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRG011 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STNRG011
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011 Datasheet(HTML) 5 Page - STMicroelectronics

  STNRG011 Datasheet HTML 1Page - STMicroelectronics STNRG011 Datasheet HTML 2Page - STMicroelectronics STNRG011 Datasheet HTML 3Page - STMicroelectronics STNRG011 Datasheet HTML 4Page - STMicroelectronics STNRG011 Datasheet HTML 5Page - STMicroelectronics STNRG011 Datasheet HTML 6Page - STMicroelectronics STNRG011 Datasheet HTML 7Page - STMicroelectronics STNRG011 Datasheet HTML 8Page - STMicroelectronics STNRG011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
4
Detailed block diagram
Figure 3. Detailed block diagram
Vline_sen
16 kB
ROM
4 kB
RAM
256 b
NVM
16x 16
MAC
module
Oscillator
Power
manager
and
burst mode
engine
SURGE Comp
430 V eq.
BOOT
HVG
FGND
LVG
VCC
PGND
VAC
VCC
mngt
VCC
BIAS
VCORE
SGND
PFC_GD
VCC
PGND
LLC_FB
Vline_sen
Int_temp
ADC
PFC_FB
TX
RX
AC
interface
LLC OC1 Comp
LLC OC2 Comp
LLC BURST Comp
SHUTDOWN Comp
125 mV
LLC_FB
LLC_CS
LLC OVP Comp
2.5 V
LLC_AUX
LLC ZCD Comp
0.9 V
Ext. BM Comp
PFC_CS
PFC_ZCD
PFC RECOT Comp
PFC OC1 Comp
PFC OC2 Comp
500 mV
900 mV
PFC ZCD Comp
PFC_FB
PFC OVP Comp
2.3 V
EW signal
700 mV
Communication
interface
PFC
SMED
LLC
SMED
SGND
STNRG011
Detailed block diagram
DS12075 - Rev 4
page 5/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com