Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRG011 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STNRG011
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STNRG011 Datasheet HTML 9Page - STMicroelectronics STNRG011 Datasheet HTML 10Page - STMicroelectronics STNRG011 Datasheet HTML 11Page - STMicroelectronics STNRG011 Datasheet HTML 12Page - STMicroelectronics STNRG011 Datasheet HTML 13Page - STMicroelectronics STNRG011 Datasheet HTML 14Page - STMicroelectronics STNRG011 Datasheet HTML 15Page - STMicroelectronics STNRG011 Datasheet HTML 16Page - STMicroelectronics STNRG011 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
8
Architecture
The PFC and LLC external MOSFETs gates are managed by the “State Machine Event Driven” (SMEDs): 2 for
PFC (PFC SMEDs) and 2 for LLC (LLC SMEDs).
The SMEDs are programmable state machine driven by events:
•
External events
–
Analog comparators outputs
–
Power manager generated events (protections)
•
Internal events
–
Timer events
PFC SMEDs
•
Input events: PFC RECOT, PFC OC1, PFC ZCD
•
Outputs: PFC_GD
LLC SMEDs
•
Input events: LLC ZCD
•
Outputs: LVG, HVG
The µP subsystem dynamically manages the control loop.
•
Analog comparators thresholds setting
•
SMED configuration
•
SMED timers
•
ADC scheduler
•
Interrupt management
The multichannel ADC is controlled by a programmable event driven scheduler: sampling sequence can be
configured and every sample can be triggered by a specific SMED state occurrence and an internal timer value.
Different priorities can be programmed to allow fast sampling for real time control and slow sampling for state
control (i.e., temperature).
The scheduler can be programmed to generate interrupts after completion of selectable conversions.
A dedicated AC line monitor easily follows the AC line providing system triggers.
The µP reads data from the ADC and performs the loop calculation with the support of a dedicated 16-b x 16-b
multiplier and a 32-b accumulator unit.
A Power management and burst-mode machine manages the system power state in order to have very low
idle consumption and fast activity restart during the burst-mode operation.
Hard protections are managed with a very low propagation delay; the protection enable and the latched/not
latched response are programmable.
The power manager controls also the brown-in/out, VCC charge/discharge, AC monitor and X-cap discharge.
A Watchdog resets the system in case of missed µP signal for a long time.
A communication peripheral allows serial communication at startup and during the normal operation for:
•
External memory communication for
–
Black box external recording
–
Patch SW upload
•
Monitoring
•
Internal memory R/W and OTP management
•
Test mode
STNRG011
Architecture
DS12075 - Rev 4
page 13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com