Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRG011 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STNRG011
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STNRG011 Datasheet HTML 4Page - STMicroelectronics STNRG011 Datasheet HTML 5Page - STMicroelectronics STNRG011 Datasheet HTML 6Page - STMicroelectronics STNRG011 Datasheet HTML 7Page - STMicroelectronics STNRG011 Datasheet HTML 8Page - STMicroelectronics STNRG011 Datasheet HTML 9Page - STMicroelectronics STNRG011 Datasheet HTML 10Page - STMicroelectronics STNRG011 Datasheet HTML 11Page - STMicroelectronics STNRG011 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
6
Electrical characteristics
Tj = 0 to +125 °C, VCC = VBOOT = 15 V, CHVG = CLVG = CPFC_GD = 1 nF; unless otherwise specified.
Note:
Adjust Vcc above VccOn before setting at 15 V.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply voltage
Vccz
Vcc clamp voltage
-
19
-
-
V
Vcc
Operating range
After turn-on
9.5
-
19
V
VccOn
Processing turn-on threshold Voltage rising(1)
16
17
18
V
VccOff
Processing turn-off threshold Voltage falling(1)
8
8.7
9.4
V
Hys
Hysteresis
-
-
8.3
-
V
VccCoreOn
VCC threshold for VCore
turn-on
Voltage rising(1)
-
8
-
V
VccCoreOff
VCC threshold for VCore
turn-off
Voltage falling(1)
-
7
-
V
VCore
Operating range
Isource 0 to 1 mA
4.75
-
5.25
V
Supply current
IVccs
Quiescent current during
sleep (BM)
T 25 °C
-
0.5
-
mA
IVccop
Operating supply current at
fsw = 50 kHz, C = 1 nF,
VCC = 12 V
PFC and LLC off
-
18
-
mA
PFC driver only (during PFC
SS)
-
20
-
All drivers
-
22
-
High-voltage startup generator
VVAC_BR
Breakdown voltage
IHV < 50 µA
VCC > VccOn
800
-
-
V
IVAC_on
ON-state VAC input current
VVAC > 40 V
VCC < 0.8 V
-
1
-
mA
VVAC > 40 V
0.8 V < VCC < VccCoreOn
-
6
-
VVAC > 100 V
VccCoreOn < VCC < 14 V
-
6
-
VVAC > 100 V
14 V < VCC < VccOn
-
4
-
40 V < VVAC < 100 V
VccCoreOn < VCC < 14 V
-
20
-
40 V < VVAC < 100 V
14 V < VCC < VccOn
-
10
-
IVcc_charge
ON-state VCC charge
current
VVAC > 40 V VCC < 0.8 V
-0.5
-0.75
-1.3
mA
VVAC > 40 V
-3.5
-5
-8
STNRG011
Electrical characteristics
DS12075 - Rev 4
page 8/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com