Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRG011 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STNRG011
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STNRG011 Datasheet HTML 2Page - STMicroelectronics STNRG011 Datasheet HTML 3Page - STMicroelectronics STNRG011 Datasheet HTML 4Page - STMicroelectronics STNRG011 Datasheet HTML 5Page - STMicroelectronics STNRG011 Datasheet HTML 6Page - STMicroelectronics STNRG011 Datasheet HTML 7Page - STMicroelectronics STNRG011 Datasheet HTML 8Page - STMicroelectronics STNRG011 Datasheet HTML 9Page - STMicroelectronics STNRG011 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
5
Pin function
Table 3. Pin function detailed description
No.
Name
Function
1
BOOT
High-side gate-drive floating supply voltage.
The bootstrap capacitor is connected between this pin and FGND.
A fast diode has to be connected from this pin and VCC to guarantee recharge of the bootstrap capacitor.
2
HVG
High-side gate-drive output.
The driver is capable of 0.5 A source and 0.75 A sink peak current (minimum values) to drive the upper
MOSFET of the half-bridge leg.
A resistor internally connected to FGND ensures that the pin is never floating.
3
FGND
High-side gate-drive floating ground.
It is the return path for the high-side gate-drive current.
Layout carefully the connection of this pin to avoid too large spikes below ground.
4
N.C.
High-voltage spacer.
The pin is not internally connected to isolate the high-voltage section and ease compliance with safety
regulations (creepage distance) on the PCB.
5
LVG
Low-side gate-drive output.
The driver is capable of 0.5 A source and 0.75 A sink peak current (minimum values) to drive the lower
MOSFET of the half-bridge leg.
The pin is actively pulled to GND during UVLO.
6
TX
TX pin for UART/SDA pin for I2C interface
7
RX
RX pin for UART/SCL pin for I2C interface
8
LLC_CS
LLC tank current sensing input. A voltage proportional to the tank current (usually obtained with a capacitive
divider) has to be applied to this pin.
The information is used for zero-crossing detection (required by time-shift algorithm), the first and second
level OCP.
9
LLC_AUX
LLC_AUX is connected to a divider sensing the auxiliary voltage from the LLC transformer. The LLC OVP
detection is active on this pin.
10
LLC_FB
The voltage from this pin is used as the LLC feedback voltage. It has to be connected to the feedback
phototransistor collector and a pull-up resistor to VCORE.
11 PFC_ZCD
PFC ZCD input, connected to the PFC AUX winding through a resistor divider detecting the PFC inductor
demagnetization.
12
PFC_CS
Current sense input for PFC.
The current flowing in the MOSFET is sensed through a resistor, and the resulting voltage is applied to this
pin.
After GD turns on, a first voltage threshold cross allows enhanced COT control implementation. A second
level can be detected for overcurrent protection.
13
PFC_FB
Input for PFC output voltage. It is used for closing the PFC loop and OVP protection. It has to be connected
with a voltage divider to the bulk capacitor. If the early warning feature is enabled this pin is brought to 5 V
when the EW pulse is released.
14
VCORE
Internal VCORE bypass capacitor connection.
15
SGND
Signal ground. Reference ground for analog signals.
16
PGND
Power ground. Current return for the PFC gate-driver and the low-side gate-driver of the half- bridge. Keep
the PCB trace that goes from this pin to the sources of the PFC and the low-side MOSFETs separate from
the trace that collects the grounding of the bias components.
17
PFC_GD
PFC gate-driver output.
The output stage is able to drive power MOSFETs, it is capable of 0.7 A source current and
STNRG011
Pin function
DS12075 - Rev 4
page 6/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com