Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRG011 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STNRG011
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STNRG011 Datasheet HTML 14Page - STMicroelectronics STNRG011 Datasheet HTML 15Page - STMicroelectronics STNRG011 Datasheet HTML 16Page - STMicroelectronics STNRG011 Datasheet HTML 17Page - STMicroelectronics STNRG011 Datasheet HTML 18Page - STMicroelectronics STNRG011 Datasheet HTML 19Page - STMicroelectronics STNRG011 Datasheet HTML 20Page - STMicroelectronics STNRG011 Datasheet HTML 21Page - STMicroelectronics STNRG011 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
9.6.5
PFC UVP
If the PFC_FB pin is below a threshold set by the user the device enters the PFC UVP fault and it is shut down.
The system provides two different times of intervention configurable by NVM: adaptive and slow.
The slow intervention allows to shut off the system in case the UVP threshold is confirmed for at least 100 ms.
The adaptive one allows to shut off the device immediately in case also the mains AC line is sensed below the
brownout threshold for at least 1 half line cycle. On the contrary, the shut off will be delayed as if the intervention
is set to slow, until the UVP and the mains conditions remain.
9.6.6
PFC_FB disconnection
If the PFC_FB is stuck low the system enters the PFC_FB disconnection fault state (latched) and it is turned off if
the disconnection faults detection is enabled in NVM.
9.6.7
PFC_CS disconnection
If the PFC_CS pin is stuck low (or high) during the the PFC soft-start the system enters the PFC_CS
disconnection fault state (latched) and it is shut down if the disconnection faults detection is enabled in NVM.
In case the PFC_CS is stuck high during the operative mode the system enters the PFC_CS disconnection fault
state and it is turned off if the disconnection faults detection is enabled in NVM.
9.6.8
PFC_ZCD disconnection
If the PFC_ZCD pin is stuck low or high during the PFC soft-start, the system enters the PFC_ZCD disconnection
fault (latched) and it is turned off if the disconnection faults detection is enabled in NVM.
9.7
LLC control and fault management
9.7.1
LLC related resources
Table 6. Pin descriptions
Pin name
Description
Level
Function
LLC_CS
Low-side current sense
0 - 500 mV
5-bit OLP
700 mV
OCP2 fault
LLC_AUX LLC auxiliary winding voltage sense
0.9 V
External burst-mode
2.5 V
LLC output OVP
LLC_FB
LLC OPTO feedback sense, burst comparator and SHUTDOWN
comparator
ADC, 10 bits
Feedback sense
Programmable
Burst comparator
125 mV
Shutdown comparator
HVG
High-side gate driving
-
-
LVG
Low-side gate driving
-
-
9.7.2
LLC OC1 comparator
The LLC OC1 comparator implements the overload protection (OLP). It monitors the LLC_CS pin with respect to
a programmable threshold. If the LLC_CS pin goes every cycle over the OC1 threshold for a programmable time,
the IC shuts down and enters the OLP fault.
Both threshold and duration are programmable trough NVM parameters.
9.7.3
LLC OC2 comparator
The LLC OC2 comparator sets an HW limit for the current flowing into the LLC resonant tank: it triggers the OCP2
fault.
STNRG011
LLC control and fault management
DS12075 - Rev 4
page 18/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com